Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 14Page - Cirrus Logic CS4207 Datasheet HTML 15Page - Cirrus Logic CS4207 Datasheet HTML 16Page - Cirrus Logic CS4207 Datasheet HTML 17Page - Cirrus Logic CS4207 Datasheet HTML 18Page - Cirrus Logic CS4207 Datasheet HTML 19Page - Cirrus Logic CS4207 Datasheet HTML 20Page - Cirrus Logic CS4207 Datasheet HTML 21Page - Cirrus Logic CS4207 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
18
DS880F4
CS4207
7.
See Figure 3 and Figure 4. RL and CL reflect the recommended minimum resistance and maximum ca-
pacitance required for the internal op-amp's stability and signal integrity.
VA, VA_REF = 5.0 V
(Differential/Single-ended)
VA, VA_REF = 3.3 V
(Differential/Single-ended)
Parameter (Note 4)
Min
Typ
Max
Min
Typ
Max
Unit
DAC2/DAC3; RL = 10 k
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
104/100
101/97
-
-
110/106
107/103
96
93
-
-
-
-
101/97
98/94
-
-
107/103
104/100
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-94/-91
-87/-83
-47/-43
-92
-73
-33
-88/-85
-81/-77
-41/-37
-
-
-
-
-
-
-
-
-
-96/-94
-84/-80
-44/-40
-92
-73
-33
-90/-88
-78/-74
-38/-34
-
-
-
dB
dB
dB
dB
dB
dB
Other Characteristics for DAC2/DAC3; RL = 10 k
Full-scale Output Voltage
1.60•VA/
0.80•VA
1.68•VA/
0.84•VA
1.76•VA/
0.88•VA
1.60•VA/
0.80•VA
1.68•VA/
0.84•VA
1.76•VA/
0.88•VA
Vpp
Interchannel Isolation (1 kHz)
-
100
-
-
100
-
dB
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
AC-Load Resistance (RL)
(Note 7)
3-
-
3-
-
k
Load Capacitance (CL)
(Note 7)
--
100
--
100
pF
Output Impedance
-
100
-
-
100
-
AGND
R
L
C
L
0.1
F
33
HPOUT_L/R
AGND
R
L
C
L
LINEOUT_L/R
Figure 3. Output Test Load, Headphone Out
Figure 4. Output Test Load, Line Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com