Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 28Page - Cirrus Logic CS4207 Datasheet HTML 29Page - Cirrus Logic CS4207 Datasheet HTML 30Page - Cirrus Logic CS4207 Datasheet HTML 31Page - Cirrus Logic CS4207 Datasheet HTML 32Page - Cirrus Logic CS4207 Datasheet HTML 33Page - Cirrus Logic CS4207 Datasheet HTML 34Page - Cirrus Logic CS4207 Datasheet HTML 35Page - Cirrus Logic CS4207 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
32
DS880F4
CS4207
If the codec has detected that the link is entering a Link Reset state (see description below), all Unsolicited
Response requests will be buffered. Once the link is in the Link Reset state, with RESET# asserted low,
the codec will request a power state change and initialization request. Following the codec initialization
cycle where a unique address is provided to the CS4207, the codec will then wait for the first verb to be
received before issuing the Unsolicited Response to prevent the response from being lost due to software
transition to active power state.
The Link Reset entry sequence is defined as follows:
1.
The HD Audio Bus controller synchronously completes the current frame but does not signal Frame
Sync (SYNC) during the last eight SDO bit times.
2.
The HD Audio Bus controller synchronously asserts RESET# four (or more) BITCLK cycles after the
completion of the current frame.
3.
BITCLK is stopped a minimum of four clocks, four rising edges, after the assertion of RESET#.
In the event of a system bus (PCI Bus) reset, the above sequence does not complete, and RESET# is
asynchronously asserted immediately and unconditionally.
When the codec returns to D0 from the D3 lower power state, the state of the presence detection bits will
be correct. If the codec power has been removed, the state of the presence detection bits will be reset to
the default value and the codec
WILL NOT report this by setting the PS-SettingsReset bit for the affected
Pin Widget(s). (HDA015-B, March 1, 2007 says that the PS-SettingsReset bit will be set for the affected
Pin widget).
5.1.2
S/PDIF Receiver Presence Detect
The presence detect scheme for the S/PDIF Receiver will use the logic state transition of the “LOCK” or
“UNLOCK” indicator for the incoming digital stream. The “LOCK” and “UNLOCK” indicators are sticky bits
(edge-triggered) which indicate the current state of the receiver. These bits are located in the Vendor Pro-
cessing Widget, see “S/PDIF RX/TX Interface Status (CIR = 0000h)” on p 129. When the S/PDIF Receiver
Input Converter Widget is “enabled” and the “LOCK” indicator is a “1”, then the Presence Detect bit in the
Pin Sense register will be set to ‘1’. The S/PDIF IN Converter Widget (NID=07h) and the S/PDIF Receiver
pin widget (NID=0Fh) must be in the D0 state to support presence detect using this method described.
With an incoming valid S/PDIF signal applied to the SPDIF_IN pin, the “LOCK” status will be valid approx-
imately 200 S/PDIF frames following the receiver being enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com