Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 40Page - Cirrus Logic CS4207 Datasheet HTML 41Page - Cirrus Logic CS4207 Datasheet HTML 42Page - Cirrus Logic CS4207 Datasheet HTML 43Page - Cirrus Logic CS4207 Datasheet HTML 44Page - Cirrus Logic CS4207 Datasheet HTML 45Page - Cirrus Logic CS4207 Datasheet HTML 46Page - Cirrus Logic CS4207 Datasheet HTML 47Page - Cirrus Logic CS4207 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
44
DS880F4
CS4207
Response Format:
6.3.13
Implementation Identification
This field provides the Board Implementation ID and Assembly ID of the functional group to software. It is a
Read/Write-Once register; BIOS writes to this field to configure the Board Implementation ID and Assembly ID during
the boot process.
Get Parameter Command Format:
Set Parameter Command Format:
Response Format:
6.3.14
Function Reset
Function Reset is an “Execute” verb. There is no physical register associated with the Function Reset.
See “Function Group Reset” section on page 25 for more details.
Set Parameter Command Format:
Bits
Type
Default
Description
31:8
Read Only
000000h
Reserved
7:4
Read Only
0h
GPIO[7:4] Sticky Mask: Not Supported.
3:0
Read/Write
0h
GPIO[3:0] Sticky Mask: Defines GPIO Input
Type (0 = Non-Sticky, 1 = Sticky) when a GPIO
pin is configured as an input. GPIO inputs config-
ured as Sticky are cleared by writing a 0 to the
corresponding bit of the GPIO Data Control
The default value for these bits (0h) is all pins
Non-Sticky. Non implemented GPIO pins always
return 0’s. Sticky is defined as Positive-Edge
sensitive, Non-Sticky as Level sensitive.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F20h
Payload = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = 720h
Payload = xxh (IID bits [7:0])
CAd = X
Node ID = 01h
Verb ID = 721h
Payload = xxh (IID bits [15:8])
CAd = X
Node ID = 01h
Verb ID = 722h
Payload = xxh (IID bits [23:16])
CAd = X
Node ID = 01h
Verb ID = 723h
Payload = xxh (IID bits [31:24])
Bits
Type
Default
Description
31:16
Read/Write Once
1013h
Board Manufacturer Identification (BMID):
Contains the PCI Vendor ID of the board manu-
facturer. Preset to Cirrus Logic’s PCI Vendor ID.
15:8
Read/Write Once
42h
Board SKU (BSKU): Assigned by the board
manufacturer to identify the specific board
design. Preset to 42h for Cirrus Logic codecs.
7:0
Read/Write Once
07h
Assembly ID (AssyID): Uniquely identifies the
specific board assembly. Preset to 07h for the
CS4207.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = 7FFh
Payload = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com