Electronic Components Datasheet Search
  English  ▼

X  

EM73880 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Interrupt controller:
IL0-IL5
: Interrupt latch . Hold all interrupt requests from all interrupt sources. ILr can not be
set by program, but can be reset by program or system reset, so IL only can decide
which interrupt source can be accepted.
MASK0-MASK3
: Except INT0 ,MASK register can promit or inhibit all interrupt sources.
EI
: Enable interrupt Flip-Flop can promit or inhibit all interrupt sources, when inter-
rupt happened, EI is cleared to "0" automatically, after RTI instruction happened,
EI will be set to "1" again .
Priority checker: Check interrupt priority when multiple interrupts happened.
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
The procedure of interrupt operation:
1. Push PC and all flags to stack.
2. Set interrupt entry address into PC.
3. Set SF= 1.
4. Clear EI to inhibit other interrupts happened.
5. Clear the IL for which interrupt source has already be accepted.
6. To excute interrupt subroutine from the interrupt entry address.
7. CPU accept RTI, restore PC and flags from stack . Set EI to accept other interrupt requests.
PROGRAM EXAMPLE: To enable interrupt of "INT0, TRGA"
LDIA #1100B;
EXAE; set mask register "1100B"
EICIL 111111B ; enable interrupt F.F.
SPEECH SYNTHESIZER OPERATES PROCEDURE
SPEECH SYNTHESIZER OPERATES PROCEDURE
SPEECH SYNTHESIZER OPERATES PROCEDURE
SPEECH SYNTHESIZER OPERATES PROCEDURE
SPEECH SYNTHESIZER OPERATES PROCEDURE
1. Send the speech start address to the address latch by writing P6 four times.
2. Choose the sampling rate, enable the speech synthesizer by writing P5.
3. The ROM address counters send the ROM address A6 .. A18 to the speech ROM.
4. ACT is the speech acknowledge signal. When the speech synthesizer has voice output. ACT is high .
When ACT is changed from high to low, the speech synthesizer can generate the speech ending
interrupt SPI. The ACT signal can be read from P5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com