Electronic Components Datasheet Search
  English  ▼

X  

EM73880 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73880 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
EM73880 is an advanced single chip CMOS 4-bit micro-controller. It contains 8K-byte ROM, 244-nibble RAM,
4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function.
EM73880 also contains 6 interrupt sources, 1 input port, 2 bidirection ports, LCD display (32x4), and one high
speed timer/counter,sound generator, and speech synthesizer.
EM73880 has plentiful operating modes (SLOW, IDLE, STOP) intended to reduce the power consumption.
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
• Operation voltage
: 2.4V to 3.6V.
• Clock source
: Dual clock system. Low-frequency oscillator (32.768 KHz) could be Crystal or RC
oscillator high-frequency oscillator is a built-in for 4.6 MHz.
• Instruction set
: 107 powerful instructions.
• Instruction cycle time : 1.7us for 4.6 MHz (high speed clock).
244 µs for 32768 Hz (low speed clock).
• ROM capacity
: 8192 X 8 bits.
• RAM capacity
: 244 X 4 bits.
• Input port
: 1 port (P0). P0(0..3) and IDLE releasing function are available by mask option.
• Bidirection port
: 2 ports (P4, P8). P4.1 is shared with HTC external input. P8(0..3) and IDLE releasing
function are available by mask option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer, event counter and pulse width
measurement.
• High speed timer/counter : One 8-bit high speed timer/counters is programmable for auto load timer, melody
output and pulse width measurement.
• Speech synthesizer : 160K Speech ROM.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External . . . . . 1 input interrupt sources.
Internal . . . . . . 2 Timer overflow interrupts, 1 time base interrupt.
1 high speed timer/counter overflow interrupt.
1 Speech ending interrupt.
• LCD driver
: 32 X 4 dots, 1/4,1/3,1/2, static 4 kinds of duty Type selectable, 1/2 bias, 1/3 bias, 2 kinds
bias Type selectable.
• Power saving function : SLOW, IDLE, STOP operation mode.
• Package type
: Chip form. . . . .63 pins.
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
EM73880 is suitable for application in family applicance, consumer products, hand held games and the toy
controller.


Similar Part No. - EM73880

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73880

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com