Electronic Components Datasheet Search
  English  ▼

X  

EM73880 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PROGRAM COUNTER (8K ROM)
PROGRAM COUNTER (8K ROM)
PROGRAM COUNTER (8K ROM)
PROGRAM COUNTER (8K ROM)
PROGRAM COUNTER (8K ROM)
Program counter ( PC ) is composed by a 13-bit counter, which indicates the next executed address for the
instruction of program ROM.
For a 8K - byte size ROM, PC can indicate address form 0000h - 1FFFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
SBR a
SBR a
SBR a
SBR a
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC
← PC
11-6.a ( branch condition satisified )
PC
Hold original PC value+1
aaaa
a
a
SF=0; PC
← PC +1( branch condition not satisified)
PC
Original PC value + 1
LBR a
LBR a
LBR a
LBR a
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC
← a ( branch condition satisified)
PC
aaaaaaaaaaa
a
SF=0 ; PC
← PC + 2 ( branch condition not satisified )
PC
Original PC value + 2
For example: LDA x ; Acc
← RAM[x]
STA x ; RAM[x]
← Acc
(3) Zero-page addressing mode
For zero-page region, user can using direct addressing to write or do any arithematic, comparsion or bit
manupulated operation directly.
For example: STD #k,y ; RAM[y]
← #k
ADD #k,y; RAM[y]
← RAM[y] + #k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com