Electronic Components Datasheet Search
  English  ▼

X  

EM73880 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM73880 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Symbol
Symbol
Symbol
Symbol
Symbol
Pin-type
Pin-type
Pin-type
Pin-type
Pin-type
Function
Function
Function
Function
Function
P4.1/TRGH
I/O-Q
1-bit bidirection I/O port with HTC external input
mask option :
NMOS open-drain
PMOS open-drain
low current push-pull
normal current push-pull
high current push-pull
P4(2,3)
I/O-Q
2-bit bidirection I/O port with high current source
mask option :
NMOS open-drain
PMOS open-drain
low current push-pull
normal current push-pull
high current push-pull
P8.0/WAKEUPA,
I/O-S
2-bit bidirection I/O port with external interrupt source input only
P8.2/INT0/WAKEUPC
P8.2 and IDLE releasing function
mask option :
wakeup enable, low current push-pull
wakeup enable, normal current push-pull
wakeup disable, open-drain
wakeup disable, low current push-pull
wakeup disable, normal current push-pull
P8.1(TRGB)/WAKEUPB I/O-S
2-bit bidirection I/O port with time/counter A,B external input and IDLE
P8.3(TRGA)/WAKEUPD
releasing function
mask option :
wakeup enable, low current push-pull
wakeup enable, normal current push-pull
wakeup disable, open-drain
wakeup disable, low current push-pull
wakeup disable, normal current push-pull
BZ1, BZ2
Speech output pin
VA,VB, V1, V2, V3
Connect the capacitors for LCD bias voltage
COM0~COM3
LCD common output pins
SEG0~SEG31
LCD segment output pins
TEST
Tie Vss as package type, no connecting as COB type
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
8 K x 8 bits program ROM contains user's program and some fixed data.
The basic structure of program ROM can be divided into 6 parts.
1. Address 000h: Reset start address.
2. Address 002h - 00Ch : 6 kinds of interrupt service routine entry addresses.
3. Address 00Eh-086h :
SCALL subroutine entry address, only available at 00Eh,016h,01Eh,026h, 02Eh,
036h, 03Eh, 046h, 04Eh, 056h, 05Eh, 066h, 06Eh, 076h, 07Eh, 086h.
4. Address 000h - 7FFh : LCALL subroutine entry address
5. Address 000h - 1FFFh : Except used as above function, the other region can be used as user's program region.
6. Address 1000h - 1FFFh : Fixed data stortage area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com