Electronic Components Datasheet Search
  English  ▼

X  

EM73880 Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Items
Items
Items
Items
Items
Sym.
Sym.
Sym.
Sym.
Sym.
Ratings
Ratings
Ratings
Ratings
Ratings
Condition
Condition
Condition
Condition
Condition
Supply Voltage
V
DD
2.2V to 3.6V
Input Voltage
V
IH
0.90xV
DD to VDD
V
IL
0V to 0.10xV
DD
Operating Frequency
F
C
4.6MHz
CLK
Fs
32KHz
LXIN, LXOUT
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS (V
DD=3±0.3V, VSS=0V, TOPR=25
oC)
Parameters
Sym.
Parameters
Sym.
Parameters
Sym.
Parameters
Sym.
Parameters
Sym.
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Conditions
Conditions
Conditions
Conditions
Conditions
Supply current
I
DD
-
700
1200
µA
V
DD=3.3V,no load,NORMAL mode,
Fc=4.6MHz, Fs=32KHz
-12
20
µA
V
DD=3.3V,no load,SLOW mode,RC osc.
(R=1.2M
Ω)
-7
15
µA
V
DD=3.3V,no load,SLOW mode,Crystal osc.
(Fs=32KHz)
-10
15
µA
V
DD=3.3V,IDLE mode,RC osc.(R=1.2MΩ)
-5
10
µA
V
DD=3.3V,IDLE mode,Crystal osc.
-
0.1
1
µA
V
DD=3.3V, STOP mode
Hysteresis voltage
V
HYS+
0.50V
DD
-
0.75V
DD
V
RESET, P0, P8
V
HYS-
0.20V
DD
-
0.40V
DD
V
Input current
I
IH
-
20
30
µA
P0, Pull-down, V
IH=VDD
-30
-20
-
µA
P0, Pull-up, V
IH=VSS
-
-
1
µA
P0, None
-
-
±1
µA
RESET, Open-drain, V
DD=3.3V,VIH=3.3/0V
I
IL
-
-40
-70
µA
Low current Push-pull, V
DD=3.3V,VIL=0.4V
Output voltage
V
OH
2.4
2.6
-
V
High current push-pull, SOUND,
V
DD=2.7V, IOH=-1mA
2.0
2.4
-
V
Normal current push-pull,
V
DD=2.7V, IOH=-60µA
V
OL
-
0.1
0.3
V
V
DD=2.7V,IOL=1mA
Leakage current
I
LO
-
-
1
µA
Open-drain, V
DD=3.3V, VO=3.3V
Input resistor
R
IN
50
100
300
K
Ω
RESET
RECOMMANDED OPERATING CONDITIONS
RECOMMANDED OPERATING CONDITIONS
RECOMMANDED OPERATING CONDITIONS
RECOMMANDED OPERATING CONDITIONS
RECOMMANDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Items
Items
Items
Items
Items
Sym.
Sym.
Sym.
Sym.
Sym.
Ratings
Ratings
Ratings
Ratings
Ratings
Conditions
Conditions
Conditions
Conditions
Conditions
Supply Voltage
V
DD
-0.5V to 6V
Input Voltage
V
IN
-0.5V to V
DD+0.5V
Output Voltage
V
O
-0.5V to V
DD+0.5V
Power Dissipation
P
D
300mW
T
OPR=50
oC
Operating Temperature
T
OPR
0oC to 50oC
Storage Temperature
T
STG
-55oC to 125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com