| Electronic Components Datasheet Search |
|
EM73880 Datasheet(PDF) 38 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73880 Datasheet(HTML) 38 Page - ELAN Microelectronics Corp |
|
38 / 40 page ![]() 38 * This specification are subject to be changed without notice. EM73880 EM73880 EM73880 EM73880 EM73880 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 11.30.2001 Preliminary Preliminary Preliminary Preliminary Preliminary (8) Bit manipulation (8) Bit manipulation (8) Bit manipulation (8) Bit manipulation (8) Bit manipulation Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S CLM b 1111 00bb RAM[HL] b←01 1 - - 1 CLP p,b 0110 1101 11bb pppp PORT[p] b←02 2 - - 1 CLPL 0110 0000 PORT[LR 3-2+4]LR1-0←01 2 - - 1 CLR y,b 0110 1100 11bb yyyy RAM[y] b←02 2 - - 1 SEM b 1111 01bb RAM[HL] b←11 1 - - 1 SEP p,b 0110 1101 01bb pppp PORT[p] b←12 2 - - 1 SEPL 0110 0010 PORT[LR 3-2+4]LRl-0←11 2 - - 1 SET y,b 0110 1100 01bb yyyy RAM[y] b←12 2 - - 1 TF y,b 0110 1100 00bb yyyy SF ←RAM[y] b'2 2 - - * TFA b 1111 10bb SF ←Acc b'1 1 - - * TFM b 1111 11bb SF ←RAM[HL] b'1 1 - - * TFP p,b 0110 1101 00bb pppp SF ←PORT[p] b'2 2 - - * TFPL 0110 0001 SF ←PORT[LR 3-2+4] LR 1-0'1 2 - - * TT y,b 0110 1100 10bb yyyy SF ←RAM[y] b 22 - - * TTP p,b 0110 1101 10bb pppp SF ←PORT[p] b 22 - - * (9) Subroutine (9) Subroutine (9) Subroutine (9) Subroutine (9) Subroutine Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S LCALL a 0100 0aaa aaaa aaaa STACK[SP] ←PC, 2 2 - - - SP ←SP -1, PC←a SCALL a 1110 nnnn STACK[SP] ←PC, 1 2 - - - SP ←SP - 1, PC←a, a = 8n +6 (n=1~15),0086h (n =0) RET 0100 1111 SP ←SP + 1, PC←STACK[SP] 1 2 - - - (10) Input/output (10) Input/output (10) Input/output (10) Input/output (10) Input/output Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S INA p 0110 1111 0100 pppp Acc ←PORT[p] 2 2 - Z Z' INM p 0110 1111 1100 pppp RAM[HL] ←PORT[p] 2 2 - - Z' OUT #k,p 0100 1010 kkkk pppp PORT[p] ←k2 2 - - 1 OUTA p 0110 1111 000p pppp PORT[p] ←Acc 2 2 - - 1 OUTM p 0110 1111 100p pppp PORT[p] ←RAM[HL] 2 2 - - 1 (11) Flag manipulation (11) Flag manipulation (11) Flag manipulation (11) Flag manipulation (11) Flag manipulation Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S TFCFC 0101 0011 SF ←CF', CF←01 1 0 - * |