Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 29 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 29 Page - Alpha Wire

Back Button 3048 Datasheet HTML 25Page - Alpha Wire 3048 Datasheet HTML 26Page - Alpha Wire 3048 Datasheet HTML 27Page - Alpha Wire 3048 Datasheet HTML 28Page - Alpha Wire 3048 Datasheet HTML 29Page - Alpha Wire 3048 Datasheet HTML 30Page - Alpha Wire 3048 Datasheet HTML 31Page - Alpha Wire 3048 Datasheet HTML 32Page - Alpha Wire 3048 Datasheet HTML 33Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
405
Wire > Hook-Up Wire
Hook-Up Wire
Test Lead Wire, EPR Rubber
Operating Temperature
• -30°C to +90°C
Voltage Rating
• See table
Materials
• Stranded tinned copper
conductors
• EPR rubber insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
Part
No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Breakdown
Voltage
(RMS)
Working
Voltage
(RMS)
AWG mm2
AWG
mm
Inch
mm
Inch
mm
1632
20
0.52
41/36 41 x 0.13 0.040
1.02
0.118
3.00
6000
1500
1635
20
0.52
41/36 41 x 0.13 0.047
1.19
0.132
3.35
12,000
3000
1636
18
0.83 65/36 65 x 0.13 0.045
1.14
0.137 3.48
20,000
5000
Insulation Colors
Black
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com