Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 44 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 44 Page - Alpha Wire

Back Button 3048 Datasheet HTML 40Page - Alpha Wire 3048 Datasheet HTML 41Page - Alpha Wire 3048 Datasheet HTML 42Page - Alpha Wire 3048 Datasheet HTML 43Page - Alpha Wire 3048 Datasheet HTML 44Page - Alpha Wire 3048 Datasheet HTML 45Page - Alpha Wire 3048 Datasheet HTML 46Page - Alpha Wire 3048 Datasheet HTML 47Page - Alpha Wire 3048 Datasheet HTML 48Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
420
Wire > Hook-Up Wire > Ribbon Cable > 300/1000 V
Hook-Up Wire
300/1000 V Ribbon Cable, PVC
MIL-DTL-16878/2 (Type C)
(1000 V)
UL AWM 2555 (300 V)
Operating Temperature
• -20°C to +105°C (MIL)
• -20°C to +80°C (AWM)
Conductor Color Coding
• Brown, red, orange, yellow,
green, blue, violet, slate, white,
black . . . repeats
Materials
• Stranded tinned copper
conductors
• Color-coded PVC insulation
bonded into a flat configuration
Availability
100 ft (30.5 m)
22 AWG (0.35 mm2)
Stranding: 7/30 (7 x 0.25 mm)
Insulation thickness: 0.016 (0.41 mm)
Cable height: 0.065 (1.65 mm)
Part No.
Conductors
Width
Inch
mm
3505
5
0.310
7.87
3510
10
0.620
15.75
3515
15
0.930
23.62
3520
20
1.240
31.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com