Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 17 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 17 Page - Alpha Wire

Back Button 3048 Datasheet HTML 13Page - Alpha Wire 3048 Datasheet HTML 14Page - Alpha Wire 3048 Datasheet HTML 15Page - Alpha Wire 3048 Datasheet HTML 16Page - Alpha Wire 3048 Datasheet HTML 17Page - Alpha Wire 3048 Datasheet HTML 18Page - Alpha Wire 3048 Datasheet HTML 19Page - Alpha Wire 3048 Datasheet HTML 20Page - Alpha Wire 3048 Datasheet HTML 21Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
393
Wire > Hook-Up Wire
Hook-Up Wire
3000/600 V, XLPE
MIL-DTL-16878/4 (Type D)
(3000 V)
UL AWM 3271 (600 V) VW-1
CSA CL 1251 XLPE (600 V)
Operating Temperature
• -55°C to +105°C (MIL)
• -55°C to +125°C (UL, CSA)
Materials
• Stranded tinned copper
conductor
• Cross-linked polyolefin
insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
7044
18
0.81
16/30
16 x 0.25
0.032
0.81
0.111
2.82
7045
16
1.32
26/30
26 x 0.25
0.032
0.81
0.119
3.02
7046
14
2.08
41/30
41 x 0.25
0.032
0.81
0.138
3.51
7047
12
3.29
65/30
65 x 0.25
0.032
0.81
0.155
3.94
7048
10
5.32
105/30
105 x 0.25
0.032
0.81
0.184
4.67
Insulation Colors
White
Black
Red
1000/300 V, XLPE
MIL-DTL-16878/2 (Type C)
(1000 V)
UL AWM 3266 (300 V) VW-1
CSA CL 1252 XLPE (300 V)
Operating Temperature
• -55°C to +105°C (MIL)
• -55°C to +125°C (UL, CSA)
Materials
• Stranded tinned copper
conductor
• Cross-linked polyolefin
insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
7024
22
0.38
19/34
19 x 0.16
0.016
0.41
0.064
1.63
7025
20
0.62
19/32
19 x 0.20
0.016
0.41
0.072
1.83
7026
18
0.96
19/30
19 x 0.25
0.016
0.41
0.080
2.03
Insulation Colors
White
Black
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com