Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 14 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 14 Page - Alpha Wire

Back Button 3048 Datasheet HTML 10Page - Alpha Wire 3048 Datasheet HTML 11Page - Alpha Wire 3048 Datasheet HTML 12Page - Alpha Wire 3048 Datasheet HTML 13Page - Alpha Wire 3048 Datasheet HTML 14Page - Alpha Wire 3048 Datasheet HTML 15Page - Alpha Wire 3048 Datasheet HTML 16Page - Alpha Wire 3048 Datasheet HTML 17Page - Alpha Wire 3048 Datasheet HTML 18Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
390
Wire > Hook-Up Wire > 1000 V
Hook-Up Wire
1000 V, PVC
MIL-W-76 B Type MW
Operating Temperature
• -40°C to +80°C
Materials
• Stranded or solid tinned
copper conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Colors*
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
1550
24
0.23
7/32
7 x 0.20
0.016
0.41
0.056
1.42
1 - 19
1561/24
24
0.20
Solid
1 x 0.51
0.016
0.41
0.052
1.32
1 - 6
1551
22
0.35
7/30
7 x 0.25
0.016
0.41
0.062
1.57
1 - 19
1561
22
0.32
Solid
1 x 0.64
0.016
0.41
0.057
1.45
1 - 6
1553
20
0.51
10/30
10 x 0.25
0.016
0.41
0.069
1.75
1 - 19
1563
20
0.52
Solid
1 x 0.81
0.016
0.41
0.064
1.63
1 - 6
1555
18
0.81
16/30
16 x 0.25
0.016
0.41
0.079
2.01
1 - 19
1565
18
0.82
Solid
1 x 1.02
0.016
0.41
0.072
1.83
1 - 6
1557
16
1.32
26/30
26 x 0.25
0.016
0.41
0.092
2.34
1 - 19
1559
14
2.08
41/30
41 x 0.25
0.016
0.41
0.106
2.69
1 – 10
1560
12
3.29
65/30
65 x 0.25
0.016
0.41
0.125
3.18
1 - 10
Insulation Colors
1 White
5 Yellow
9 Slate
13 White/
Green
17 White/
Orange
2 Black
6 Blue
10 Violet
14 White/
Yellow
18 White/
Slate
3 Red
7 Brown
11 White/
Black
15 White/Blue
19 White/
Violet
4 Green
8 Orange
12 White/Red
16 White/
Brown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com