Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 7 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 7 Page - Alpha Wire

Back Button 3048 Datasheet HTML 3Page - Alpha Wire 3048 Datasheet HTML 4Page - Alpha Wire 3048 Datasheet HTML 5Page - Alpha Wire 3048 Datasheet HTML 6Page - Alpha Wire 3048 Datasheet HTML 7Page - Alpha Wire 3048 Datasheet HTML 8Page - Alpha Wire 3048 Datasheet HTML 9Page - Alpha Wire 3048 Datasheet HTML 10Page - Alpha Wire 3048 Datasheet HTML 11Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
383
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
Insulation Colors Z1
1 White
5 Yellow
9 Slate
2 Black
6 Blue
10 Violet
3 Red
7 Brown
28 Green/Yellow
4 Green
8 Orange
29 Yellow/Green
UL AWM 1015, 1028, 1230,
1231, 1232, 1283, 1284 VW-1
UL MTW (22 to 4/0 AWG)
UL THW (6 to 1/0 AWG)
CSA AWM I A/B FT1 and
TEW 105
Operating Temperature
• -20°C to +105°C (AWM, TEW)
• -20°C to +90°C (MTW)
• -20°C to +75°C (THW)
• -20°C to +60°C (TW)
Materials
• Stranded or solid tinned
copper conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
UL Style
Colors
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
782607*
26
0.14
7/34
7 x 0.16
0.032
0.81
0.083
2.11
1015, 1230
Z2, 0 - 9
782401*
24
0.20
Solid
1 x 0.51
0.032
0.81
0.084
2.13
1015, 1230
Z2, 0 - 9
3070*
24
0.23
7/32
7 x 0.20
0.032
0.81
0.088
2.24
1015
Z1, 1 - 10, 28
782201
22
0.32
Solid
1 x 0.64
0.032
0.81
0.089
2.26
1015, 1230
Z2, 0 - 9
782207T
22
0.35
7/30
7 x 0.25
0.032
0.81
0.094
2.39
1015, 1230
Z2, 0 - 9
3071
22
0.35
7/30
7 x 0.25
0.032
0.81
0.094
2.39
1015
Z1, 1 - 10, 28, 29
782010T
20
0.51
10/30
10 x 0.25
0.032
0.81
0.101
2.57
1015, 1230
Z2, 0 - 9
3073
20
0.51
10/30
10 x 0.25
0.032
0.81
0.101
2.57
1015
Z1, 1 - 10, 28
782001
20
0.52
Solid
1 x 0.81
0.032
0.81
0.096
2.44
1015, 1230
Z2, 0 - 9
781816T
18
0.81
16/30
16 x 0.25
0.032
0.81
0.111
2.82
1015, 1230
Z2, 0 - 9
3075
18
0.81
16/30
16 x 0.25
0.032
0.81
0.111
2.82
1015
Z1, 1 - 10, 28, 29
781801
18
0.82
Solid
1 x 1.02
0.032
0.81
0.104
2.64
1015, 1230
Z2, 0 - 9
781601
16
1.31
Solid
1 x 1.29
0.032
0.81
0.115
2.92
1015, 1230
Z2, 0 - 9
3077
16
1.32
26/30
26 x 0.25
0.032
0.81
0.124
3.15
1015
Z1, 1 - 10, 28, 29
781401
14
2.08
Solid
1 x 1.63
0.032
0.81
0.128
3.25
1015, 1230
Z2, 0 - 9
3079
14
2.08
41/30
41 x 0.25
0.032
0.81
0.138
3.51
1015
Z1, 1 - 10, 28, 29
3080
12
3.29
65/30
65 x 0.25
0.032
0.81
0.157
3.99
1015
Z1, 1 - 4
781201
12
3.31
Solid
1 x 2.06
0.032
0.81
0.145
3.68
1015, 1230
Z2, 0 - 9
781001
10
5.26
Solid
1 x 2.59
0.032
0.81
0.166
4.22
1015, 1230
Z2, 0 - 9
3081
10
5.32
105/30
105 x 0.25
0.032
0.81
0.184
4.67
1015
Z1, 1 - 4
788133
8
8.61
133/29
133 x 0.29
0.047
1.19
0.263
6.68
1028, 1231
Z2, 0 - 9
786133
6
13.57
133/27
133 x 0.36
0.063
1.60
0.336
8.53
1283, 1232
Z2, 0 - 9
784133
4
21.55
133/25
133 x 0.45
0.063
1.60
0.395
10.03
1283, 1232
Z2, 0 - 9
782665
2
33.72
665/30
665 x 0.25
0.063
1.60
0.461
11.71
1283, 1232
Z2, 0 - 9
782133
2
34.45
133/23
133 x 0.57
0.063
1.60
0.465
11.81
1283, 1232
Z2, 0 - 9
781259
1
41.96
259/25
259 x 0.45
0.082
2.08
0.540
13.72
1284, 1232
Z2, 0 - 9
781836
1
42.39
836/30
836 x 0.25
0.082
2.08
0.547
13.89
1284, 1232
Z2, 0 - 9
780001
1/0
52.98
1045/30
1045 x 0.25
0.082
2.08
0.592
15.04
1284, 1232
Z2, 0 - 9
780002
2/0
67.43
1330/30
1330 x 0.25
0.082
2.08
0.647
16.43
1284, 1232
Z2, 0 - 9
780003
3/0
84.47
1666/30
1666 x 0.25
0.082
2.08
0.768
19.51
1284, 1232
Z2, 0 - 9
780004
4/0
106.93
2109/30
2109 x 0.25
0.082
2.08
0.754
19.15
1284, 1232
Z2, 0 - 9
T indicates top coat conductors.
*Not MTW
Insulation Colors Z2
0 Black
4 Yellow
8 Slate
1 Brown
5 Green
9 White
2 Red
6 Blue
3 Orange
7 Violet
These wires also available in 500 ft (152 m) put-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com