Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 15 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 15 Page - Alpha Wire

Back Button 3048 Datasheet HTML 11Page - Alpha Wire 3048 Datasheet HTML 12Page - Alpha Wire 3048 Datasheet HTML 13Page - Alpha Wire 3048 Datasheet HTML 14Page - Alpha Wire 3048 Datasheet HTML 15Page - Alpha Wire 3048 Datasheet HTML 16Page - Alpha Wire 3048 Datasheet HTML 17Page - Alpha Wire 3048 Datasheet HTML 18Page - Alpha Wire 3048 Datasheet HTML 19Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
391
Wire > Hook-Up Wire > 600/150 V
Hook-Up Wire
600/150 V, Irradiated PVC
Soldering Iron Resistant
MIL-DTL-16878/1 (Type B)
(600 V)
UL AWM 1429 (150 V)
CSA AWM I A/B FT1 (150 V)
Operating Temperature
• -55°C to +105°C (MIL)
• -55°C to +80°C (AWM, CSA)
Materials
• Stranded tinned copper
conductor
• Irradiated PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
7053
26
0.14
7/34
7 x 0.16
0.010
0.25
0.039
0.99
7054
24
0.23
7/32
7 x 0.20
0.010
0.25
0.044
1.12
7054/19
24
0.24
19/36
19 x 0.13
0.010
0.25
0.045
1.14
7055
22
0.35
7/30
7 x 0.25
0.010
0.25
0.050
1.27
7055/19
22
0.38
19/34
19 x 0.16
0.010
0.25
0.052
1.32
7056
20
0.56
7/28
7 x 0.32
0.010
0.25
0.058
1.47
7056/19
20
0.62
19/32
19 x 0.20
0.010
0.25
0.060
1.52
7057
18
0.90
7/26
7 x 0.40
0.010
0.25
0.068
1.73
7057/19
18
0.96
19/30
19 x 0.25
0.010
0.25
0.070
1.78
7058/19
16
1.32
19/0.0117
19 x 0.30
0.010
0.25
0.076
1.93
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com