Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 22 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 22 Page - Alpha Wire

Back Button 892007 Datasheet HTML 18Page - Alpha Wire 892007 Datasheet HTML 19Page - Alpha Wire 892007 Datasheet HTML 20Page - Alpha Wire 892007 Datasheet HTML 21Page - Alpha Wire 892007 Datasheet HTML 22Page - Alpha Wire 892007 Datasheet HTML 23Page - Alpha Wire 892007 Datasheet HTML 24Page - Alpha Wire 892007 Datasheet HTML 25Page - Alpha Wire 892007 Datasheet HTML 26Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
398
Wire > Hook-Up Wire > 250 V
Hook-Up Wire
250 V, PTFE
MIL-DTL-16878/6 (Type ET)
UL VW-1
NEMA HP3
Part No.
Wire Size
Stranding
Insulation Thickness
Nominal
Diameter
NEMA
HP3
Type
Colors
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
33201
32
0.03
Solid
1 x 0.20
0.006
0.15
0.019
0.48
—
Z2
33219
32
0.04
19/44
19 x 0.05
0.006
0.15
0.022
0.56
—
Z2
2840/7
32
0.03
7/40
7 x 0.08
0.006
0.15
0.022
0.56
ETXBAB
Z1
2841/7
30
0.06
7/38
7 x 0.10
0.006
0.15
0.024
0.61
ETXBBB
Z1
2841/1
30
0.05
Solid
1 x 0.25
0.006
0.15
0.022
0.56
ETXBBA
Z1
2842/7
28
0.09
7/36
7 x 0.12
0.006
0.15
0.027
0.69
ETXBCB
Z1
2842/19
28
0.09
19/40
19 x 0.08
0.006
0.15
0.027
0.69
ETXBCE
Z1
2842/1
28
0.08
Solid
1 x 0.32
0.006
0.15
0.025
0.64
ETXBCA
Z1
2843/7
26
0.14
7/34
7 x 0.16
0.006
0.15
0.031
0.79
ETXBDB
Z1
2843/19
26
0.15
19/38
19 x 0.10
0.006
0.15
0.031
0.79
ETXBDE
Z1
2843/1
26
0.13
Solid
1 x 0.40
0.006
0.15
0.028
0.71
ETXBDA
Z1
2844/7
24
0.23
7/32
7 x 0.20
0.006
0.15
0.036
0.91
ETXBEB
Z1
2844/19
24
0.24
19/36
19 x 0.13
0.006
0.15
0.036
0.91
ETXBEE
Z1
2845/7
22
0.35
7/30
7 x 0.25
0.006
0.15
0.042
1.07
ETXBFB
Z1
2845/19
22
0.38
19/34
19 x 0.16
0.005
0.13
0.042
1.07
ETXBFE
Z1
32007
20
0.56
7/28
7 x 0.32
0.006
0.15
0.050
1.27
ETXBGB
Z2
32019
20
0.62
19/32
19 x 0.20
0.006
0.15
0.052
1.32
ETXBGE
Z2
Insulation Colors Z1
1 White
5 Yellow
9 Slate
2 Black
6 Blue
10 Violet
3 Red
7 Brown
4 Green
8 Orange
Insulation Colors Z2
0 Black
4 Yellow
8 Slate
1 Brown
5 Green
9 White
2 Red
6 Blue
3 Orange
7 Violet
These wires also available in 500 ft (152 m) put-ups.
Operating Temperature
• -60°C to +200°C
Materials
• Stranded or solid silver-plated
copper conductor
• PTFE insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)*
*May contain multiple lengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com