Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 45 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 45 Page - Alpha Wire

Back Button 892007 Datasheet HTML 41Page - Alpha Wire 892007 Datasheet HTML 42Page - Alpha Wire 892007 Datasheet HTML 43Page - Alpha Wire 892007 Datasheet HTML 44Page - Alpha Wire 892007 Datasheet HTML 45Page - Alpha Wire 892007 Datasheet HTML 46Page - Alpha Wire 892007 Datasheet HTML 47Page - Alpha Wire 892007 Datasheet HTML 48Page - Alpha Wire 892007 Datasheet HTML 49Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
421
Wire > Hook-Up Wire > Bus Bar Wire
Hook-Up Wire
Bus Bar Wire
CID AA-59551 Type S
ASTM B33
Material
• Electrolytic soft-drawn
and annealed solid tin-plated
copper conductor
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No
Wire Size
Diameter
AWG
CMA
mm2
Inch
mm
938
38
16
.008
0.004
0.10
936
36
25
0.01
0.005
0.13
934
34
40
0.02
0.006
0.15
932
32
64
0.03
0.008
0.20
299/3
30
100
0.05
0.010
0.25
299/2
28
159
0.08
0.013
0.33
299/1
26
253
0.12
0.016
0.41
299
24
404
0.20
0.020
0.51
298
22
640
0.32
0.025
0.64
297
20
1020
0.51
0.032
0.81
296
18
1620
0.82
0.040
1.02
295
16
2580
1.31
0.051
1.30
286
14
4110
2.08
0.064
1.63
289
12
6530
3.31
0.081
2.06
910
10
10380
5.26
0.102
2.59
908
8
16510
8.37
0.129
3.28
906
6
26250
13.3
0.162
4.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com