Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 12 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 12 Page - Alpha Wire

Back Button 892007 Datasheet HTML 8Page - Alpha Wire 892007 Datasheet HTML 9Page - Alpha Wire 892007 Datasheet HTML 10Page - Alpha Wire 892007 Datasheet HTML 11Page - Alpha Wire 892007 Datasheet HTML 12Page - Alpha Wire 892007 Datasheet HTML 13Page - Alpha Wire 892007 Datasheet HTML 14Page - Alpha Wire 892007 Datasheet HTML 15Page - Alpha Wire 892007 Datasheet HTML 16Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
388
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC/Nylon
MIL-DTL-16878/17 (Type B/N)
Operating Temperature
• -55°C to +105°C
Materials
• Stranded tinned copper
conductor
• PVC/nylon insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
Bulk, cut to length
Part No.
Wire Size
Stranding
PVC Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
182607
26
0.14
7/34
7 x 0.16
0.010
0.25
0.045
1.14
182407
24
0.23
7/32
7 x 0.20
0.010
0.25
0.050
1.27
182419
24
0.24
19/36
19 x 0.13
0.010
0.25
0.051
1.30
182219
22
0.38
19/34
19 x 0.16
0.010
0.25
0.058
1.47
182019
20
0.62
19/32
19 x 0.20
0.010
0.25
0.066
1.68
181807
18
0.90
7/26
7 x 0.40
0.010
0.25
0.074
1.88
181819
18
0.96
19/30
19 x 0.25
0.010
0.25
0.076
1.93
181619
16
1.23
19/29
19 x 0.29
0.010
0.25
0.082
2.08
181419
14
1.94
19/27
19 x 0.36
0.010
0.25
0.097
2.46
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com