Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 38 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 38 Page - Alpha Wire

Back Button 892007 Datasheet HTML 34Page - Alpha Wire 892007 Datasheet HTML 35Page - Alpha Wire 892007 Datasheet HTML 36Page - Alpha Wire 892007 Datasheet HTML 37Page - Alpha Wire 892007 Datasheet HTML 38Page - Alpha Wire 892007 Datasheet HTML 39Page - Alpha Wire 892007 Datasheet HTML 40Page - Alpha Wire 892007 Datasheet HTML 41Page - Alpha Wire 892007 Datasheet HTML 42Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
414
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
Type TGGT High-Temperature
600 V, PTFE/Glass Braid
UL AWM 5196, 5251
CSA AWM 1 A/B
Operating Temperature
• -55°C to +250°C
Materials
• Flexible nickel-covered stranded
copper conductor
• White PTFE tape insulation
• Tan high-temperature-saturant-
coated glass braid jacket
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
Bulk, cut to length
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
M70562*
2
36.6
133/0.0223
133 x 0.57
0.020
0.51
0.445
11.30
M70563
1
41.1
259/0.0177
259 x 0.45
0.020
0.51
0.485
12.32
M70564
1/0
53.5
259/0.0202
259 x 0.51
0.020
0.51
0.535
13.59
M70565
2/0
68.8
259/0.0227
259 x 0.58
0.020
0.51
0.685
17.40
M70566
3/0
85.3
259/0.0255 259 x 0.65
0.020
0.51
0.645
16.38
M70567
4/0
107
259/0.0286 259 x 0.73
0.020
0.51
0.710
18.03
*UL AWM 5196.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com