Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 3 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 3 Page - Alpha Wire

  892007 Datasheet HTML 1Page - Alpha Wire 892007 Datasheet HTML 2Page - Alpha Wire 892007 Datasheet HTML 3Page - Alpha Wire 892007 Datasheet HTML 4Page - Alpha Wire 892007 Datasheet HTML 5Page - Alpha Wire 892007 Datasheet HTML 6Page - Alpha Wire 892007 Datasheet HTML 7Page - Alpha Wire 892007 Datasheet HTML 8Page - Alpha Wire 892007 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
379
Voltage
Insulation
Wire Range (AWG)
Approvals
Temperature Range
Stranded
Solid
UL
CSA
UL/CSA
150
XL-PVC
26 – 16
—
AWM I A/B FT1
-55°C to +105°C
AWM 1429
-55°C to +80°C
XLPE
22 – 18
—
AWM 3265
I A/B FT1
-55°C to +125°C
300
PVC
30 – 16
24 – 16
AWM 1569
-40°C to +105°C
AWM 1007
-40°C to +80°C
TR-64
-40°C to +90°C
SR-PVC
30 – 16
—
AWM 1061
I A/B FT1
-10°C to +80°C
XL-PVC
26 – 16
—
AWM 1430
REW XL-PVC
-55°C to +105°C
XLPE
22 – 18
—
AWM 3266
CL 1252 XLPE
-55°C to +125°C
XLPE
22 – 16
—
AWM 3199
CL1054
-55°C to +125°C
PTFE
24 – 8
—
AWM 1180
-60°C to +200°C
600
PVC
24 – 10
26 – 10
AWM 1015, 1230
MTW, THW, TW
TEW-105
-20°C to +105°C
8 – 4/0
—
AWM 1242, 1284
-20°C to +105°C
mPPE
28 – 10
18 – 14
AWM 11028
I A/B FT-1
-40°C to +105°C
XLPE
18 – 10
—
AWM 3271
CL 1251 XLPE
-55°C to +125°C
XLPE
20 – 2/0
—
AWM 3173, 3195, 3196, 3300
SIS Rated
-55°C to +125°C
ETFE
24 – 4
—
SAE AS22759/16
-55°C to +150°C
PTFE
26 – 8
—
SAE AS22759/11
-55°C to +200°C
Silicone
22 – 4/0
—
AWM 3212, 3213, 3214
AWM I A/B
-40°C to +150°C
10,000+
Silicone
22 – 2
—
AWM 3239
-40°C to +150°C
Military
250
PTFE
32 – 22
30 – 26
MIL-DTL-16878/6 (Type ET)
-60°C to +200°C
600
XL-PVC
26 – 16
—
MIL-DTL-16878/1 (Type B)
-55°C to +105°C
PVC
32 – 14
—
MIL-DTL-16878/1 (Type B)
-55°C to +105°C
PVC
14 – 8
—
MIL-W-76 Type HW
-20°C to +80°C
PTFE
30 – 10
26 – 18
MIL-DTL-16878/4 (Type E)
-60°C to +200°C
1000
PVC
24 – 12
24 – 18
MIL-DTL-16878/2 (Type C)
-40°C to +80°C
XLPE
22 – 18
—
MIL-DTL-16878/2 (Type C)
-55°C to +105°C
PTFE
24 – 8
—
MIL-DTL-16878/5 (Type EE)
-60°C to +200°C
3000
XLPE
18 – 10
—
MIL-DTL-16878/1 (Type D)
-55°C to +105°C
Solar
1000/2000
XLPE/PVC
14 – 2
—
UL 4703 PV Wire
RW-90
-40°C to +90°C
600/1000
LSZH/LSZH
14 – 2
—
UL 4703 PV Wire
TÜV 2 PFG 1169
—
-40°C to +90°C
Wire Wrap
PVDF
—
30 – 24
AWM 1422, 1423
-40°C to +125°C
ETFE
—
30 – 24
AWM 1516, 1523
-70°C to +150°C
Ribbon Cable: 5 to 30 Conductors
150/300
PVC
26 – 22
—
AWM 2713, 2555
-55°C to +80°C
600/1000
PVC
26 – 22
—
MIL-DTL-16878/1 and /2 (Types B & C)
-55°C to +105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com