Electronic Components Datasheet Search
  English  ▼

X  

892007 Datasheet(PDF) 30 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 30 Page - Alpha Wire

Back Button 892007 Datasheet HTML 26Page - Alpha Wire 892007 Datasheet HTML 27Page - Alpha Wire 892007 Datasheet HTML 28Page - Alpha Wire 892007 Datasheet HTML 29Page - Alpha Wire 892007 Datasheet HTML 30Page - Alpha Wire 892007 Datasheet HTML 31Page - Alpha Wire 892007 Datasheet HTML 32Page - Alpha Wire 892007 Datasheet HTML 33Page - Alpha Wire 892007 Datasheet HTML 34Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
406
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, Silicone Rubber
UL AWM 3212, 3213, 3214
CSA AWM I A/B FT2
Operating Temperature
• -40°C to +150°C
Materials
• Stranded tinned copper
conductor
• White silicone rubber insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
Bulk, cut to length
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal Di-
ameter
UL
AWM
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
392207
22
0.35
7/30
7 x 0.25
0.047
1.19
0.124
3.15
3212
392010
20
0.51
10/30
10 x 0.25
0.047
1.19
0.131
3.33
3212
391816
18
0.81
16/30
16 x 0.25
0.047
1.19
0.141
3.58
3212
391626
16
1.32
26/30
26 x 0.25
0.047
1.19
0.154
3.91
3212
391441
14
2.08
41/30
41 x 0.25
0.047
1.19
0.168
4.27
3212
391265
12
3.29
65/30
65 x 0.25
0.047
1.19
0.187
4.75
3212
391000
10
5.32
105/30
105 x 0.25
0.047
1.19
0.212
5.38
3212
398133
8
8.61
133/29
133 x 0.29
0.063
1.60
0.295
7.49
3213
396133
6
13.57
133/27
133 x 0.36
0.063
1.60
0.339
8.61
3213
394133
4
21.55
133/25
133 x 0.45
0.063
1.60
0.395
10.03
3213
392259
2
33.15
259/26
259 x 0.40
0.063
1.60
0.460
11.68
3213
391259
1
41.96
259/25
259 x 0.45
0.078
1.98
0.532
13.51
3214
390001
1/0
53.10
259/24
259 x 0.51
0.078
1.98
0.578
14.68
3214
390002
2/0
67.43
1330/30 1330 x 0.25 0.078
1.98
0.639
16.23
3214
390004
4/0
106.82
2107/30 2107 x 0.25
0.078
1.98
0.837
21.26
3214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com