Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 21 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 21 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 17Page - Alpha Wire PVC-105-5 Datasheet HTML 18Page - Alpha Wire PVC-105-5 Datasheet HTML 19Page - Alpha Wire PVC-105-5 Datasheet HTML 20Page - Alpha Wire PVC-105-5 Datasheet HTML 21Page - Alpha Wire PVC-105-5 Datasheet HTML 22Page - Alpha Wire PVC-105-5 Datasheet HTML 23Page - Alpha Wire PVC-105-5 Datasheet HTML 24Page - Alpha Wire PVC-105-5 Datasheet HTML 25Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
501
FIT > FIT Wire Management > Silicone-Coated Fiberglass Sleeving
FIT® Wire Management
Silicone-Coated Fiberglass Sleeving
PIF-200, SF-200
UL 1441 (600 VRMS)
MIL-I-3190/6 Class 20 Type D
Category C
NEMA TF-1 Grade A
• Highly flexible routing
• Extreme abrasion resistance
• Superior electrical properties
Operating Temperature
• -70°C to +200°C
Color
• Natural
Material
• Silicone rubber-coated
fiberglass braid
Physical Properties
• Tensile strength: 1200 psi
(8.2 N/mm2)
• Elongation: 420% min.
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Lead free
Electrical Properties
• Dielectric strength: 15,000 V/mil
(5905 kV/cm)
• Volume resistivity: 6 x 1013
ohm-cm
• Dielectric constant: 2.8
Availability
See table
Spools may contain multiple
lengths
Part No.
Inside Diameter, Min.
Inside Diameter, Max.
Wall Thickness, Min.
Standard Put-Ups
Inch
mm
Inch
mm
Inch
mm
Ft
m
PIF-200-24
0.020
0.51
0.027
0.69
0.011
0.28
100, 500, 1000
30.5, 152, 305
PIF-200-22
0.025
0.64
0.032
0.81
0.013
0.33
100, 500, 1000
30.5, 152, 305
PIF-200-20
0.032
0.81
0.039
0.99
0.013
0.33
100, 500, 1000
30.5, 152, 305
PIF-200-18
0.040
1.02
0.049
1.24
0.015
0.38
100, 500, 1000
30.5, 152, 305
PIF-200-17
0.045
1.14
0.054
1.37
0.015
0.38
500, 1000
152, 305
PIF-200-16
0.051
1.30
0.061
1.55
0.015
0.38
100, 500, 1000
30.5, 152, 305
PIF-200-15
0.057
1.45
0.067
1.70
0.015
0.38
100, 1000
30.5, 305
PIF-200-14
0.064
1.63
0.074
1.88
0.015
0.38
100, 500
30.5, 152
PIF-200-13
0.072
1.83
0.082
2.08
0.015
0.38
100, 500
30.5, 152
PIF-200-12
0.081
2.06
0.091
2.31
0.015
0.38
100, 500
30.5, 152
PIF-200-11
0.091
2.31
0.101
2.57
0.018
0.46
500
152
PIF-200-10
0.102
2.59
0.112
2.84
0.018
0.46
100, 500
30.5, 152
PIF-200-9
0.114
2.90
0.124
3.15
0.018
0.46
100, 500
30.5, 152
PIF-200-8
0.129
3.28
0.141
3.58
0.018
0.46
100, 500
30.5, 152
PIF-200-7
0.144
3.66
0.158
4.01
0.018
0.46
100, 500
30.5, 152
PIF-200-6
0.162
4.11
0.178
4.52
0.020
0.51
25, 100
7.6, 30.5
PIF-200-5
0.182
4.62
0.198
5.03
0.020
0.51
25, 100
7.6, 30.5
PIF-200-4
0.204
5.18
0.224
5.69
0.020
0.51
100
30.5
PIF-200-3
0.229
5.82
0.249
6.32
0.020
0.51
25, 100
7.6, 30.5
PIF-200-2
0.258
6.55
0.278
7.06
0.020
0.51
25, 100
7.6, 30.5
PIF-200-1
0.289
7.34
0.311
7.90
0.020
0.51
100
30.5
PIF-200-0
0.313
7.95
0.347
8.81
0.020
0.51
100
30.5
PIF-200-3/8
0.375
9.53
0.398
10.11
0.025
0.64
25, 100
7.6, 30.5
PIF-200-7/16
0.438
11.13
0.462
11.73
0.025
0.64
25, 100
7.6, 30.5
PIF-200-1/2A
0.500
12.70
0.524
13.31
0.025
0.64
25, 100
7.6, 30.5
PIF-200-5/8
0.625
15.88
0.655
16.64
0.025
0.64
25, 100
7.6, 30.5
SF-200-3/4
0.750
19.05
0.786
19.96
0.025
0.64
100
30.5
SF-200-7/8
0.875
22.23
0.911
23.14
0.025
0.64
100
30.5
SF-200-1IN
1.000
25.40
1.036
26.31
0.025
0.64
100
30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com