Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 10 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 10 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 6Page - Alpha Wire PVC-105-5 Datasheet HTML 7Page - Alpha Wire PVC-105-5 Datasheet HTML 8Page - Alpha Wire PVC-105-5 Datasheet HTML 9Page - Alpha Wire PVC-105-5 Datasheet HTML 10Page - Alpha Wire PVC-105-5 Datasheet HTML 11Page - Alpha Wire PVC-105-5 Datasheet HTML 12Page - Alpha Wire PVC-105-5 Datasheet HTML 13Page - Alpha Wire PVC-105-5 Datasheet HTML 14Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
490
FIT > FIT Wire Management > Flexible Liquid-Tight PVC Tubing
FIT® Wire Management
Flexible Liquid-Tight PVC Tubing
FNT Tubing
UL 1696
CSA C22.2 No. 227.3-05
Operating Temperature
• -18°C to +50°C
Color
• Black
Materials
• Liquid-tight PVC tubing
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Resists oil and water
• Lead free
Availability
25 ft (7.5 m)
100 ft (30.5 m)
PVC Tubing
Part No.
Trade
Size
Inside
Diameter, Min.
Inside
Diameter, Max.
Outside
Diameter, Min.
Outside
Diameter, Max.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
FNT-1/4*
1/4
0.385
9.78
0.405
10.29
0.560
14.22
0.575
14.61
FNT-3/8
3/8
0.484
12.29
0.504
12.80
0.690
17.53
0.710
18.03
FNT-1/2
1/2
0.622
15.80
0.642
16.31
0.820
20.83
0.840
21.34
FNT-3/4
3/4
0.820
20.83
0.840
21.34
1.030
26.16
1.050
26.67
FNT-1
1
1.041
26.44
1.066
27.08
1.290
32.77
1.315
33.40
*Not CSA certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com