Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 33 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 33 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 29Page - Alpha Wire PVC-105-5 Datasheet HTML 30Page - Alpha Wire PVC-105-5 Datasheet HTML 31Page - Alpha Wire PVC-105-5 Datasheet HTML 32Page - Alpha Wire PVC-105-5 Datasheet HTML 33Page - Alpha Wire PVC-105-5 Datasheet HTML 34Page - Alpha Wire PVC-105-5 Datasheet HTML 35Page - Alpha Wire PVC-105-5 Datasheet HTML 36Page - Alpha Wire PVC-105-5 Datasheet HTML 37Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
513
FIT > FIT Wire Management > Braided Sleeving
FIT® Wire Management
Braided Sleeving
XS-200N
MIL-S-47053
CID A-A-59301
• Extremely durable
• Abrasion resistant
• Tight weave with excellent
flexibility
Operating Temperature
• -45°C to +120°C
• 250°C melt temperature
Color
• Black
Material
• Braided nylon
Physical Properties
• Tensile strength: 80,000 psi
(551 N/mm2)
• Specific gravity: 1.14
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Water absorption: 0.04%, max.
• Halogen free
• Lead free
Electrical Properties
• Dielectric strength: 4 V/mil
(1.57 kV/cm)
Availability
See table
Spools may contain multiple
lengths
Part No.
Inside
Diameter, Min.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
XS-200N-1/8
0.125
3.18
0.020
0.51
28
3
84
100, 1000
30.5, 305
XS-200N-1/4
0.250
6.35
0.032
0.81
48
4
192
100, 500
30.5, 152
XS-200N-3/8
0.375
9.53
0.032
0.81
52
5
260
100, 500
30.5, 152
XS-200N-1/2
0.500
12.70
0.035
0.89
72
6
432
100
30.5
XS-200N-3/4
0.750
19.05
0.035
0.89
72
9
648
100, 250
30.5, 76
XS-200N-1IN
1.000
25.40
0.045
1.14
72
16
1152
100
30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com