Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 15 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 15 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 11Page - Alpha Wire PVC-105-5 Datasheet HTML 12Page - Alpha Wire PVC-105-5 Datasheet HTML 13Page - Alpha Wire PVC-105-5 Datasheet HTML 14Page - Alpha Wire PVC-105-5 Datasheet HTML 15Page - Alpha Wire PVC-105-5 Datasheet HTML 16Page - Alpha Wire PVC-105-5 Datasheet HTML 17Page - Alpha Wire PVC-105-5 Datasheet HTML 18Page - Alpha Wire PVC-105-5 Datasheet HTML 19Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
495
FIT > FIT Wire Management > Spiral Wrap Tubing
FIT® Wire Management
Spiral Wrap Tubing
SW
• Flexible cable bundling
• Easy breakouts
See table for specifications
SW-1 to SW-6
SW-10 to SW-14
SW-20 to SW-25
SW-30 to SW-35
SW-40 to SW-45
SW-50 to SW-53
Material
Natural
Polyethylene
Flame-Retardant
Polyethylene
Nylon
PTFE
UV-Resistant
Polyethylene
PVC
Colors
Natural
White
Natural
Natural, Black
Black
Black
Temperature
Range (°C)
-66 to +88
-20 to +80
-40 to +121
-268 to +260
-66 to +88
-20 to +80
Abrasion
Resistance
(Taber)
22
27
6 - 8
7
20
Excellent
Flame Rating
Not rated
UL 1441
Self-extinguishing Self-extinguishing
UL VW-1
Not rated
Self-extinguishing
Tensile Strength
(psi (N/mm2)
1800 (12.41)
1300 (8.96)
12,000 (82.74)
3000 (20.68)
2000 (13.79)
3000 (20.68)
Water
Absorption (%)
0.014
0.02
1.5
0.005
0.03
—
Dielectric
Constant (Max.)
—
2.58
4.0
2.1
—
—
Effects of
Alkalis and Acids
None
None
None
None
None
Satisfactory*
Weather
Resistance
N/A
N/A
N/A
Excellent
N/A
N/A
Specs
UL UZKX2
MIL-I-631D,
Type A, Form U
MIL-P-21922B
ASTM 1248-65T
Type 1 Class A,
Grade 3
A-A-59602,
Type 1, Class 1
UL UZKX2
A-A-59602,
Type 1, Class 3
UL UZKX2
ASTM-D-4066,
Group 2, Class 1
UL UZKX2
ASTM-D-3295-01,
Group 4
A-A-59602,
Type 3, Class 1
(as noted)
UL UZKX2
MIL-I-631D,
Type A, Form U
MIL-P-21922B,
Type 1 Class L
A-A-59602,
Type 1, Class 2
—
*Satisfactory except for high concentrations; not recommended for organic solvents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com