Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 14 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 14 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 10Page - Alpha Wire PVC-105-5 Datasheet HTML 11Page - Alpha Wire PVC-105-5 Datasheet HTML 12Page - Alpha Wire PVC-105-5 Datasheet HTML 13Page - Alpha Wire PVC-105-5 Datasheet HTML 14Page - Alpha Wire PVC-105-5 Datasheet HTML 15Page - Alpha Wire PVC-105-5 Datasheet HTML 16Page - Alpha Wire PVC-105-5 Datasheet HTML 17Page - Alpha Wire PVC-105-5 Datasheet HTML 18Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
494
FIT > FIT Wire Management > Zipper Tubing
FIT® Wire Management
Zipper Tubing™
ZIP-41
MIL-I-631
UL 224 VW-1
Loc-Trac® provides an effective
closure that is ideal for use where
the assembly will be subjected to
random flexing.
Protection against flame,
chemicals, and abrasion.
Operating Temperature
• -20°C to +105°C
Color
• Black
Material
• PVC
Physical Properties
• Tensile strength: 1800 psi
(12.4 N/mm2)
• Elongation: 200% min.
• Flammability: UL VW-1
Chemical Properties
• Fungus resistance: no growth
• Lead free
Electrical Properties
• Dielectric strength: 700 V/mil
(275.8 kV/cm)
• Volume resistivity: 1010
ohms/cm
Availability
25 ft (30.5 m)
100 ft (30.5 m)
Each spool comes with two
Loc-Trac fasteners and installation
instructions.
Part No.
Inside Diameter, Nom.
Wall Thickness, Nom.
Flat Width, Nom.
Inch
mm
Inch
mm
Inch
mm
ZIP-41-1/2
0.500
12.70
0.020
0.51
2.000
50.80
ZIP-41-5/8
0.625
15.88
0.020
0.51
2.375
60.33
ZIP-41-3/4
0.750
19.05
0.020
0.51
2.750
69.85
ZIP-41-7/8
0.875
22.23
0.020
0.51
3.125
79.38
ZIP-41-1IN
1.000
25.40
0.020
0.51
3.562
90.47
ZIP-41-1-1/4
1.250
31.75
0.020
0.51
4.125
104.78
ZIP-41-1-1/2
1.500
38.10
0.020
0.51
4.875
123.83
ZIP-41-1-3/4
1.750
44.45
0.020
0.51
5.625
142.88
ZIP-41-2IN
2.000
50.80
0.020
0.51
6.375
161.93
ZIP-41-2-1/4
2.250
57.15
0.020
0.51
7.500
190.50
ZIP-41-3IN
3.000
76.20
0.020
0.51
10.000
254.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com