Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-5 Datasheet(PDF) 3 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 3 Page - Alpha Wire

  PVC-105-5 Datasheet HTML 1Page - Alpha Wire PVC-105-5 Datasheet HTML 2Page - Alpha Wire PVC-105-5 Datasheet HTML 3Page - Alpha Wire PVC-105-5 Datasheet HTML 4Page - Alpha Wire PVC-105-5 Datasheet HTML 5Page - Alpha Wire PVC-105-5 Datasheet HTML 6Page - Alpha Wire PVC-105-5 Datasheet HTML 7Page - Alpha Wire PVC-105-5 Datasheet HTML 8Page - Alpha Wire PVC-105-5 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
483
FIT® Wire Management
Better wire management means better harnesses
PVC-105
PVC tubing is the workhorse
choice for protecting, organizing,
and routing cables.
Flexible Liquid-Tight PVC
Tubing and Nylon Connectors
FNT Tubing
SLC and RLC Connectors
FNT PVC tubing system of wire
management products for
electronic and electrical wire
protection provides maximum
flexibility and can be used in
extremely tight quarters. The tubing
is excellent for general applications
where maximum flexibility is
required or in areas where
movement, vibration, or flexing is
a problem.
Convoluted Slit Loom Tubing
and Tee Connector Fittings
Type 492 Tubing
Type 493 Fittings
Flexible polyethylene loom material
permits fast, easy installations and
protection of harness and cable
assemblies. The loom is slit full
length so that it slides over the
completed wire assembly easily, but
closes after installation to protect
the wire bundle. The slit allows for
the wires to break out at any point
along the cable length for custom
installation. Companion snap-on
connectors provide simple, clean
cable junctions.
Zipper Tubing™
ZIP-41
Protect wire, cables, and harnesses.
Alpha Zipper Tubing provides a
professional finish to wiring
installations by eliminating exposed
wiring and providing added
protection against flame, chemicals,
and abrasion. With Zipper Tubing,
it’s possible to isolate any group
of wires or cables quickly and
easily, without the bother of tape
wrapping. Zipper Tubing is an
ideal jacketing material for use in
harsh environments for production
or repair of harness assemblies.
Each package contains two
plastic sliders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com