Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 28 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 28 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 24Page - Alpha Wire PVC-105-3 Datasheet HTML 25Page - Alpha Wire PVC-105-3 Datasheet HTML 26Page - Alpha Wire PVC-105-3 Datasheet HTML 27Page - Alpha Wire PVC-105-3 Datasheet HTML 28Page - Alpha Wire PVC-105-3 Datasheet HTML 29Page - Alpha Wire PVC-105-3 Datasheet HTML 30Page - Alpha Wire PVC-105-3 Datasheet HTML 31Page - Alpha Wire PVC-105-3 Datasheet HTML 32Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
508
FIT > FIT Wire Management > Advanced Protection Expandable Sleeving
FIT® Wire Management
Advanced Protection Expandable Sleeving
GRP-160
An economical, easy-to-use
choice for advanced abrasion and
cut-through protection
• Extreme abrasion resistance
without losing flexibility
or durability
• Cuts cleanly with hot knife
• Resists fuels, solvents,
salt water, chemicals, and UV
• Expandable to 150%
Operating Temperature
• -45°C to +150°C
• 256°C melt temperature
Color
• Black
Materials
• 20-mil nylon polyamide
monofilament
Physical Properties
• Tensile strength: 19 psi
(0.13 N/mm2)
• Specific gravity: 1.14 max
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 2.50% max
• UV resistant
• Halogen free
• Lead free
Availability
See table
Reels may contain multiple lengths
Part No.
Nominal Size
Expansion Range
Construction
Standard Put-Ups
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-160-1/4
1/4
6.35
0.250 – 0.500
6.35 – 12.70
20
3
60
50, 250
15.2, 76
GRP-160-1/2
1/2
12.70
0.500 – 1.000
12.70 – 25.40
36
3
108
50, 250
15.2, 76
GRP-160-3/4
3/4
19.05
0.750 – 1.250
19.05 – 31.75
40
3
120
50, 250
15.2, 76
GRP-160-1IN
1
25.40
1.000 – 1.500
25.40 – 38.10
48
3
144
50, 250
15.2, 76
GRP-160-1-1/4
1-1/4
31.75
1.250 – 2.000
31.75 – 50.80
56
3
168
50, 250
15.2, 76
GRP-160-1-3/4
1-3/4
44.45
1.750 – 2.750
44.45 – 69.85
72
3
216
50, 250
15.2, 76
GRP-160-2-1/4
2-1/4
57.15
2.250 – 3.000
57.15 – 76.20
96
3
288
25, 100
7.6, 30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com