Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 38 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 38 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 34Page - Alpha Wire PVC-105-3 Datasheet HTML 35Page - Alpha Wire PVC-105-3 Datasheet HTML 36Page - Alpha Wire PVC-105-3 Datasheet HTML 37Page - Alpha Wire PVC-105-3 Datasheet HTML 38Page - Alpha Wire PVC-105-3 Datasheet HTML 39Page - Alpha Wire PVC-105-3 Datasheet HTML 40Page - Alpha Wire PVC-105-3 Datasheet HTML 41Page - Alpha Wire PVC-105-3 Datasheet HTML 42Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
518
FIT > FIT Wire Management > Lacing Tape
FIT® Wire Management
Lacing Tape
A-A-52084 (formerly MIL-T-
43435B Type V)
• Flat braid made from continuous
filament aramid yarn
Operating temperature:
• -55°C to +260°C
Elongation:
• 40% max
Finish weight (impregnated % of
material by weight)
• Finish C (synthetic rubber/
elastomer): 7% – 17%
Part No.
Finish
Color
Width,
Nom.
Thickness,
Nom.
Break
Strength, Min. Availability*
Inch
mm
Inch
mm
lb
kg
Yd
m
803554
C
Natural 0.075 1.91
0.012
0.30
35
15.9
500
457
*Bobbins/tubes may contain multiple lengths.
MIL-DTL-713 Type P
• Twisted nylon cord made
from high-tenacity continuous
filament yarn
Operating temperature:
• -55° C to +121°C
Elongation:
• 20% min.
Finish weight (impregnated % of
material by weight)
• Finish B (wax): 20% – 32%
Part No.
Finish
Color
Diameter,
Nom.
Break
Strength, Min.
Availability*
Inch
mm
lb
kg
lb
kg
803215B
B
Black
0.023
0.58
32
14.5
1
0.45
803215W
B
Natural
0.023
0.58
32
14.5
1
0.45
804812W
A
Natural
0.025
0.64
48
21.8
1
0.45
804814B
B
Black
0.025
0.64
48
21.8
1
0.45
804814W
B
Natural
0.025
0.64
48
21.8
1
0.45
807013B
B
Black
0.040
1.02
70
31.7
1
0.45
807013W
B
Natural
0.040
1.02
70
31.7
1
0.45
*Weight per spool; bobbins/tubes may contain multiple lengths.
Telecommunications-Grade
Polyester Yarn
• Round, twisted polyester cord
made from high-tenacity
industrial polyester fiber
Melt temperature (approx.):
• 121°C
Elongation:
• 17% – 27%
Finish weight (impregnated % of
material by weight)
• 9 ply: 7% – 17%
• 12 ply: 35%
Part No.
Finish
Color
Diameter,
Nom.
Break
Strength, Min.
Plies
Availability*
Inch
mm
lb
kg
lb
kg
812030W
Wax
Natural
0.030
0.76
32
14.5
9
0.5
0.22
815040W
Wax
Natural
0.030
0.76
32
14.5
12
0.5
0.22
*Weight per tube; bobbins/tubes may contain multiple lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com