Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 41 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 41 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 34Page - Alpha Wire PVC-105-3 Datasheet HTML 35Page - Alpha Wire PVC-105-3 Datasheet HTML 36Page - Alpha Wire PVC-105-3 Datasheet HTML 37Page - Alpha Wire PVC-105-3 Datasheet HTML 38Page - Alpha Wire PVC-105-3 Datasheet HTML 39Page - Alpha Wire PVC-105-3 Datasheet HTML 40Page - Alpha Wire PVC-105-3 Datasheet HTML 41Page - Alpha Wire PVC-105-3 Datasheet HTML 42Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
521
FIT > FIT Wire Management > Tinned Copper Braid
FIT® Wire Wire Management
Tinned Copper Braid
Tubular
Tinned Copper
Part No.
Inside
Diameter, Nom.
Braid Construction
AWG
Equivalent,
Approx.
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
AWG of
Indiv. Ends Carriers
No. of
Indiv. Ends
Amps
Ft
m
2160
0.031
0.79
36
24
24
22
600
7
100, 250
30.6, 76
2162
0.062
1.57
36
24
48
19
1200
11
100, 250
30.6, 76
2163
0.078
1.98
36
24
72
18
1800
16
100, 250
30.6, 76
2164
0.109
2.77
36
24
96
16
2400
19
100, 250
30.6, 76
2166
0.125
3.18
36
24
120
15
3000
25
100, 250
30.6, 76
2167
0.156
3.96
36
24
240
12
6000
40
100, 250
30.6, 76
2168
0.171
4.34
36
24
168
14
4200
32
100, 250
30.6, 76
2170
0.203
5.16
34
24
192
11
7630
46
100
30.5
2171
0.250
6.35
36
24
384
10
9600
53
100
30.5
2171/1
0.281
7.14
30
24
120
9
12,060
60
100
30.5
2172
0.375
9.53
36
48
384
10
9600
53
100
30.5
2173
0.437
11.10
30
24
240
6
24,120
90
100
30.5
2174
0.500
12.70
36
48
528
9
13,200
62
100
30.5
2175
0.462
11.73
30
48
480
3
48,240
145
100
30.5
2175/1
0.656
16.66
30
48
768
1
77,180
190
100
30.5
2176
0.781
19.84
36
48
864
7
21,600
88
100
30.5
Part No.
Inside
Diameter, Nom.
Braid Construction
AWG
Equivalent,
Approx.
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
AWG of
Indiv. Ends Carriers
No. of
Indiv. Ends
Amps
Ft
m
2177
0.875
22.23
30
48
336
5
33,700
100
100
30.5
2178
1.000
25.40
30
48
384
4
38,600
120
100
30.5
2179
1.125
28.58
30
48
432
4
43,330
130
100
30.5
2180*
1.250
31.75
30
48
480
3
48,150
145
100
30.5
2181
1.375
34.93
30
48
528
3
53,000
150
100
30.5
2182
1.500
38.10
30
48
576
2
57,775
165
100
30.5
A-A-59569
Color
• Silver
Material
• Tinned copper braid
Availability
See tables
Spools may contain multiple
lengths
Extra-Large Tinned Copper
*Not A-A-59569.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com