Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 35 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 35 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 31Page - Alpha Wire PVC-105-3 Datasheet HTML 32Page - Alpha Wire PVC-105-3 Datasheet HTML 33Page - Alpha Wire PVC-105-3 Datasheet HTML 34Page - Alpha Wire PVC-105-3 Datasheet HTML 35Page - Alpha Wire PVC-105-3 Datasheet HTML 36Page - Alpha Wire PVC-105-3 Datasheet HTML 37Page - Alpha Wire PVC-105-3 Datasheet HTML 38Page - Alpha Wire PVC-105-3 Datasheet HTML 39Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
515
FIT > FIT Wire Management > Expandable Braided Sleeving
FIT® Wire Management
Expandable Braided Sleeving
ZIP-GRP
UL UZKYZ
UL 94V-0
CSA 5836 01
• Unlimited breakouts
• Abrasion and cut-through
resistance
• Oil and solvent resistance
Operating Temperature
• -70°C to +125°C
• 230°C melt temperature
Color
• Black
Material
• Braided PET with hook and
loop closure
• Cuts with hot knife
Physical Properties
• Tensile strength: 85,000 psi
(586 N/mm2)
• Specific gravity: 1.38
Chemical Properties
• Corrosive effect: None
• Fungus resistance: no growth
• Water absorption: 0.15% max.
• Halogen free
• Lead free
• Chemically inert
• UV resistant
Availability
25 ft (7.6 m)
50 ft (15.2 m)
Spools may contain multiple
lengths
Part No.
Inside
Diameter, Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
ZIP-GRP-7/8
0.500
12.70
2.375
60.33
0.025
0.64
88
4
220
ZIP-GRP-1-1/2
1.500
38.10
3.500
88.90
0.025
0.64
105
4
420
ZIP-GRP-2
2.000
50.80
4.500
114.30
0.025
0.64
137
4
548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com