Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 37 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 37 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 33Page - Alpha Wire PVC-105-3 Datasheet HTML 34Page - Alpha Wire PVC-105-3 Datasheet HTML 35Page - Alpha Wire PVC-105-3 Datasheet HTML 36Page - Alpha Wire PVC-105-3 Datasheet HTML 37Page - Alpha Wire PVC-105-3 Datasheet HTML 38Page - Alpha Wire PVC-105-3 Datasheet HTML 39Page - Alpha Wire PVC-105-3 Datasheet HTML 40Page - Alpha Wire PVC-105-3 Datasheet HTML 41Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
517
FIT > FIT Wire Management > Lacing Tape
FIT® Wire Management
Lacing Tape
A-A-52081 (formerly MIL-T-43435B
Type II)
• Flat braid made from
high-tenacity continuous
polyester yarn
Operating temperature:
• -73°C to +177°C
Elongation:
• 40% max
Finish weight (impregnated % of
material by weight)
• Finish A (natural)
• Finish B (wax): 15% – 32%
• Finish C (synthetic rubber/
elastomer): 7% – 17%
• Finish E (synthetic resin/vinyl):
15% – 30%
Part No.
Finish
Color
Width,
Nom.
Thickness,
Nom.
Break
Strength, Min. Availability*
Inch
mm
Inch
mm
lb
kg
Yd
m
801566B
C
Black
0.050 1.27 0.010 0.25
15
6.8
500
457
802566B
C
Black
0.060 1.52 0.012 0.30
25
11.3
500
457
C164
B
Black,
White
0.062 1.57 0.010 0.25
25
11.3
500
457
805058B
E
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805058W
E
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
805060B
A
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805062B
B
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805062W
B
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
805066W
C
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
C162
B
Black,
White
0.085 2.16 0.014 0.36
50
22.7
500
457
808060W
A
Natural 0.110 2.79 0.015 0.38
80
36.3
500
457
808058B
E
Black
0.110 2.79 0.015 0.38
80
36.3
250
228
C160
B
Black,
White 0.200 5.08 0.016 0.41
135
61.2
250
228
A-A-52083 (formerly MIL-T-
43435B Type IV)
• Flat braid made from continuous
filament glass yarn coated with
PTFE before braiding
Operating temperature:
• Glass maintain strength and
stability to 427°C
Elongation:
• 5% max
Finish weight (impregnated % of
material by weight)
• Finish D (glass/TFE): 10% – 20%
Part No. Finish
Color
Width,
Nom.
Thickness,
Nom.
Break
Strength, Min.
Availability*
Inch
mm
Inch
mm
lb
kg
Yd
m
807510W
D
Natural 0.085
2.16
0.016
0.41
75
34.0
500
457
810010W
D
Natural
0.110
2.79
0.016
0.41
100
45.3
250
228
*Bobbins/tubes may contain multiple lengths.
*Bobbins/tubes may contain multiple lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com