Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 6 Page - Alpha Wire

Part # PVC-105-3
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 6 Page - Alpha Wire

Back Button PVC-105-3 Datasheet HTML 2Page - Alpha Wire PVC-105-3 Datasheet HTML 3Page - Alpha Wire PVC-105-3 Datasheet HTML 4Page - Alpha Wire PVC-105-3 Datasheet HTML 5Page - Alpha Wire PVC-105-3 Datasheet HTML 6Page - Alpha Wire PVC-105-3 Datasheet HTML 7Page - Alpha Wire PVC-105-3 Datasheet HTML 8Page - Alpha Wire PVC-105-3 Datasheet HTML 9Page - Alpha Wire PVC-105-3 Datasheet HTML 10Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
486
Non-Fraying, Expandable
Braid Sleeving
GRP-110NF, GRP-120NF
GRP-110NF/120NF sleeving cuts
cleanly and fray-free with scissors,
with no hot knife required. It is a
lightweight, expandable woven
polyester sleeving that offers high
flexibility with high resistance to
abrasion and cut-through. The
open weave allows for a great
range of expansion of the sleeving
diameter, thus ensuring ease of
installation and gripping action
over a wide range of shapes and
sizes. GRP sleeving is an ideal
protective sleeve for wire bundles,
harnesses, pneumatic hoses,
hydraulic lines and highly polished
or threaded machine parts.
Wrappable Sleeving
GRP-130 and GRP-130NF
A unique split, semirigid braided
construction allows GRP-130 and
GRP-130NF sleeving to be installed
quickly and easily. The lateral split
opens up to accommodate a wide
variety of bundling requirements,
and then closes around the entire
installation without the need for
any additional fasteners. The
sleeving bends to a tight radius
without distorting or splitting
open and, unlike full rigid tubing,
will not impair or affect the
flexibility of harnesses.
Advanced Protection
Expandable Sleeving
GRP-160
This heavy-duty, flexible sleeving
is extremely versatile in any
industrial application requiring
abrasion protection without
sacrificing flexibility or durability.
GRP-160 sleeving is economical
and easy to use, cutting cleanly
with a hot knife, and expanding up
to 50% for easy installation over
plugs and connectors. It resists
fuels, UV, solvents, salt water, and
most chemicals.
Advanced Chemical-Resistant
Expandable Sleeving
GRP-170
GRP-170 is lightweight sleeving,
resistant to high temperatures
and virtually impervious to
solvents. The sleeving resists
all known solvents below 200°C
chemical resistance, is inert to
steam, strong bases, fuels, and
acids, and offers high temperature
stability, low moisture absorption,
excellent dimensional stability and
ultra-low wear.
FIT® Wire Management
Better wire management means better harnesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com