Electronic Components Datasheet Search
  English  ▼

X  

SL28EB742 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 31Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 32Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 33Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 34Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 35Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 36Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 37Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 38Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
SL28EB742
Preliminary Rev. 0.1
35
26
SRC5
O, DIF 100 MHz True differential serial reference clock.
27
GND_SRC
GND
Ground.
28
VDD_SRC
PWR
3.3 V Power supply.
29
SRC6/CPU2_ITP
O, DIF Selectable complementary differential CPU or SRC clock output.
ITP_EN = 0 @ CKPWRGD assertion = SRC6
ITP_EN = 1 @ CKPWRGD assertion = CPU2
30
SRC6/CPU2_ITP
O, DIF Selectable True differential CPU or SRC clock output.
ITP_EN = 0 @ CKPWRGD assertion = SRC6
ITP_EN = 1 @ CKPWRGD assertion = CPU2
31
CPU1
O, DIF Complement differential CPU clock output.
32
CPU1
O, DIF True differential CPU clock output.
33
VDD_CPU
PWR
3.3 V Power supply.
34
CPU0
O, DIF Complement differential CPU clock output.
35
CPU0
O, DIF True differential CPU clock output.
36
GND_CPU
GND
Ground.
37
SCLK
I
I2C compatible SCLOCK.
38
SDATA
I/O
I2C compatible SDATA.
39
CPU_STP
I, PU
3.3 V-tolerant input for stopping CPU outputs (internal 100 k
 pull-up).
40
PCI/SRC_STP
I, PU
3.3 V-tolerant input for stopping PCI and SRC outputs (internal 100 k
pull-up).
41
XOUT
O
14.318 MHz Crystal output, Float XOUT if using only CLKIN (Clock
input).
42
XIN/CLKIN
I
14.318 MHz Crystal input or 3.3 V, 14.318 MHz Clock Input
43
GND_REF
GND
Ground for REF clock.
44
GND_REF
GND
Ground for REF clock.
45
REF
O
14.318 MHz reference output clock.
46
VDD_REF
PWR
3.3 V Power Supply for REF clock.
47
VDD_REF
PWR
3.3 V Power Supply for REF clock.
48
CKPWRGD/PD
I
3.3 V LVTTL input. This pin is a level sensitive strobe used to deter-
mine when latch inputs are valid and are ready to be sampled.
After latch inputs are latched, this pin becomes a real-time active low
input for asserting power down (PD); asynchronous active low input
pin that stops all outputs except free running.
Table 12. 56-QFN Pin Definitions (Continued)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com