Electronic Components Datasheet Search
  English  ▼

X  

SL28EB742 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SL28EB742 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
SL28EB742
Preliminary Rev. 0.1
5
Table 3. AC Electrical Specifications
Parameter
Symbol
Condition
Min
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
—
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VVDD/2
47
53
%
CLKIN Rising/Falling Slew Rate
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle to Cycle Jitter
TCCJ
Measured at VDD/2
—
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD2—
350
ps
Input High Voltage
VIH
XIN / CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN / CLKIN pin
—
0.8
V
Input High Current
IIH
XIN / CLKIN pin, VIN = VDD
—35
µA
Input Low Current
IIL
XIN / CLKIN pin, 0 < VIN <0.8
-35
–
µA
CPU at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential
—
85
ps
Cycle to Cycle Jitter for CPU 2
TCCJ (CPU2)
Measured at 0 V differential
—
125
ps
CPU0 to CPU1 Skew
Tskew
Measured at 0 V differential
—
100
ps
Long-term Accuracy
LACC
Measured at 0 V differential
—
100
ppm
Rising/Falling Slew Rate
TR / TF
Measured differentially from ±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from ±75 mV
—
20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
—
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
SRC at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Any SRC Clock Skew from the
Earliest Bank to the Latest Bank
TSKEW
Measured at 0 V differential
—
3.0
ns
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential
—
85
ps
Long Term Accuracy
LACC
Measured at 0 V differential
—
100
ppm
Rising/Falling Slew Rate
TR / TF
Measured differentially from ±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from ±75 mV
—
20
%
Voltage High
VHIGH
1.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com