Electronic Components Datasheet Search
  English  ▼

X  

SL28EB742 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL28EB742 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Preliminary Rev. 0.1 5/12
Copyright © 2012 by Silicon Laboratories
SL28EB742
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
SL28EB742
I NTEL® C EDARVIEW E MBEDDED C LOCK G ENERATOR
Features
Description
The SL28EB742 is a high-performance clock generator for supporting
Intel Cedarview platforms. The SL28EB742 is rated to support extended
grade temperature. Utilizing an inexpensive 14.318 MHz crystal, it is
capable of supporting multiple frequencies from four PLLs. The CPU
clock can support a frequency range from 83.33 to 166 MHz by
configuration of two strap pins. With a combination of strap pins and an
I2C, the device allows maximum configurability.
Low power push-pull type
differential output buffers
No termination resistors required
on differential clocks
3-bits slew rate control on single-
ended clocks
Differential CPU clocks with pins
selectable frequency
100 MHz Differential SRC clocks
Selectable Differential SATA or
SRC clock
96 MHz Differential DOT clock
48 MHz USB clock
Selectable 12 or 48 MHz clock
25 MHz clock
Buffered Reference Clock
14.318 MHz
14.318 MHz Crystal Input or
Clock input
I2C support with readback
capabilities
Triangular Spread Spectrum
profile for maximum
electromagnetic interference
(EMI) reduction
Extended Temperature:
–40 to 85
°
C
3.3 V power supply
56-pin QFN package
Selectable Differential SRC or CPU Clock
CPU CPU/
SRC
SRC SATA/
SRC
DOT96 48M
48M/
12M
33M 25M 14.318M
x2
x1
x5
x 1
x1
x1/2
x1
x2
x1
x1
Patents pending
Ordering Information:
See page 37
Pin Assignments
SL28EB742
PCIF/ITP_EN2
CLKREQ32
12M_48M/SEL 12_481
VDD_48
GND_48
48M/FSA2
Notes:
1. Internal 100 kohm pull-up.
2. Internal 100 kohm pull-down.
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
56
55
54
53
52
51
50
49
48
47
46
45
44
43
GND_48
DOT96
DOT96
FSB2
GND_SATA
SATA/SRC0
SATA/SRC0
VDD_SATA
XIN/CLKIN
XOUT
PCI/SRC_STP1
CPU_STP1
SDATA
SCLK
GND_CPU
CPU0
CPU0
VDD_CPU
CPU1
CPU1
CPU2/SRC6
CPU2/SRC6


Similar Part No. - SL28EB742

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
1Mb / 20P
Timing Selector Guide
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742A SILABS-SL28EB742A Datasheet
1Mb / 20P
Timing Selector Guide
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Similar Description - SL28EB742

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
Clock Generator for Intel Grantsdale Chipset
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
Clock Generator for Intel Alviso Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
Clock Generator for Intel Alviso Chipset
logo
Pericom Semiconductor C...
PI6C49006 PERICOM-PI6C49006 Datasheet
940Kb / 15P
Embedded Clock Generator
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
Embedded Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com