Electronic Components Datasheet Search
  English  ▼

X  

SL28EB742 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 9Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
SL28EB742
6
Preliminary Rev. 0.1
Voltage Low
VLOW
–0.3
—
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
DOT96 at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential at 1 clock
—
250
ps
Long Term Accuracy
LACC
Measured at 0 V differential at 1 clock
—
100
ppm
Rising/Falling Slew Rate
TR / TF
Measured differentially from ±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from ±75 mV
—
20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
—
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
SATA at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential at 1 clock
–
125
ps
Long Term Accuracy
LACC
Measured at 0 V differential at 1 clock
–
100
ppm
Rising/Falling Slew Rate
TR / TF
Measured differentially from ±150 mV
2.5
8
V/ns
Rise/Fall Matching
TRFM
Measured single-endedly from ±75 mV
—
20
%
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
—
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
PCI/PCIF at 3.3 V
Duty Cycle
TDC
Measurement at 1.5 V
45
55
%
Rising/Falling Slew Rate
TR / TF
Measured between 0.8 V and 2.0 V
1.0
4.0
V/ns
Any PCI Clock to Any PCI Clock
Skew
TSKEW
Measurement at 1.5V
—
1000
ps
48M, 12_48M at 3.3 V
Duty Cycle
TDC
Measurement at 1.5 V
45
55
%
Rising/Falling Slew Rate
TR / TF
(48M)
Measured between 0.8 V and 2.0 V
1.0
2.0
V/ns
Rising/Falling Slew Rate
TR / TF
(12_48M)
Measured between 0.8 V and 2.0 V
1.0
2.0
V/ns
Cycle to Cycle Jitter
TCCJ
Measurement at 1.5 V
—
300
ps
Table 3. AC Electrical Specifications (Continued)
Parameter
Symbol
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com