| Electronic Components Datasheet Search |
|
SL28EB742 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SL28EB742 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 40 page ![]() SL28EB742 Preliminary Rev. 0.1 9 2. Functional Description 2.1. Powerdown (PD) Clarification The CKPWRGD/PD pin is a dual-function pin. During initial powerup, the pin functions as CKPWRGD. Once CKPWRGD has been sampled high by the clock chip, the pin assumes PD functionality. The PD pin is an asynchronous active low input used to shut off all clocks cleanly before shutting off power to the device. This signal is synchronized internally to the device before powering down the clock synthesizer. PD is also an asynchronous input for powering up the system. When PD is asserted low, clocks are driven to a low value and held before turning off the VCOs and the crystal oscillator. 2.2. Powerdown (PD) Assertion When PD is sampled low by two consecutive rising edges of CPUC, all single-ended outputs clocks will be held low on their next high-to-low transition and differential clocks will be held low. When powerdown mode is desired as the initial power on state, PD must be asserted low in less than 10 µs after asserting CKPWRGD. . Table 6. Output Driver Status during CPU_STP and PCIS_STP CPU_STP Asserted PCI_STP Asserted CLKREQ Asserted I2C OE Disabled Single-ended Clocks Stoppable Running Driven low Running Driven low Non-stoppable Running Running Running Differential Clocks Stoppable Clock driven high Clock driven high Clock driven low Clock driven low Clock driven low Clock driven low Clock driven low Non-stoppable Running Running Running Table 7. Output Driver Status All Single-ended Clocks All Differential Clocks w/o Strap w/ Strap Clock Clock# PD = 0 (Powerdown) Low Hi-z Low Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |