Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 39Page - Microsemi Corporation FG896 Datasheet HTML 40Page - Microsemi Corporation FG896 Datasheet HTML 41Page - Microsemi Corporation FG896 Datasheet HTML 42Page - Microsemi Corporation FG896 Datasheet HTML 43Page - Microsemi Corporation FG896 Datasheet HTML 44Page - Microsemi Corporation FG896 Datasheet HTML 45Page - Microsemi Corporation FG896 Datasheet HTML 46Page - Microsemi Corporation FG896 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 166 page
background image
ProASIC3E Flash Family FPGAs
Revision 14
2-29
Table 2-32 • 3.3 V LVCMOS Wide Range Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.7 V
Drive
Strength
Equivalent
Software
Default
Drive
Strength
Option1
Speed
Grade tDOUT tDP
tDIN tPY tPYS tEOUT tZL
tZH
tLZ tHZ tZLS tZHS Units
100 µA
4 mA
Std.
0.66 17.02 0.04 1.83 2.38 0.43 17.02 13.74 4.16 3.78 20.42 17.14
ns
–1
0.56 14.48 0.04 1.55 2.02 0.36 14.48 11.69 3.54 3.21 17.37 14.58
ns
–2
0.49 12.71 0.03 1.36 1.78 0.32 12.71 10.26 3.11 2.82 15.25 12.80
ns
100 µA
8 mA
Std.
0.66 12.16 0.04 1.83 2.38 0.43 12.16 9.78 4.70 4.74 15.55 13.17
ns
–1
0.56 10.34 0.04 1.55 2.02 0.36 10.34 8.32 4.00 4.03 13.23 11.20
ns
–2
0.49
9.08 0.03 1.36 1.78 0.32
9.08
7.30 3.51 3.54 11.61 9.84
ns
100µA
12 mA
Std.
0.66
9.32 0.04 1.83 2.38 0.43
9.32
7.62 5.06 5.36 12.71 11.02
ns
–1
0.56
7.93 0.04 1.55 2.02 0.36
7.93
6.48 4.31 4.56 10.81 9.37
ns
–2
0.49
6.96 0.03 1.36 1.78 0.32
6.96
5.69 3.78 4.00 9.49
8.23
ns
100 µA
16 mA
Std.
0.66
8.69 0.04 1.83 2.38 0.43
8.69
7.17 5.14 5.53 12.08 10.57
ns
–1
0.56
7.39 0.04 1.55 2.02 0.36
7.39
6.10 4.37 4.71 10.28 8.99
ns
–2
0.49
6.49 0.03 1.36 1.78 0.32
6.49
5.36 3.83 4.13 9.02
7.89
ns
100 µA
24 mA
Std.
0.66
8.11 0.04 1.83 2.38 0.43
8.11
7.13 5.23 6.13 11.50 10.52
ns
–1
0.56
6.90 0.04 1.55 2.02 0.36
6.90
6.06 4.45 5.21 9.78
8.95
ns
–2
0.49
6.05 0.03 1.36 1.78 0.32
6.05
5.32 3.91 4.57 8.59
7.86
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. Software default selection highlighted in gray.
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-5 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com