Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 45 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 41Page - Microsemi Corporation FG896 Datasheet HTML 42Page - Microsemi Corporation FG896 Datasheet HTML 43Page - Microsemi Corporation FG896 Datasheet HTML 44Page - Microsemi Corporation FG896 Datasheet HTML 45Page - Microsemi Corporation FG896 Datasheet HTML 46Page - Microsemi Corporation FG896 Datasheet HTML 47Page - Microsemi Corporation FG896 Datasheet HTML 48Page - Microsemi Corporation FG896 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 166 page
background image
ProASIC3E Flash Family FPGAs
Revision 14
2-31
Timing Characteristics
Table 2-35 • 2.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
4 mA
Std.
0.66
8.82
0.04 1.51 1.66
0.43
8.13
8.82
2.72 2.29 10.37 11.05
ns
–1
0.56
7.50
0.04 1.29 1.41
0.36
6.92
7.50
2.31 1.95
8.82
9.40
ns
–2
0.49
6.58
0.03 1.13 1.24
0.32
6.07
6.58
2.03 1.71
7.74
8.25
ns
8 mA
Std.
0.66
5.27
0.04 1.51 1.66
0.43
5.27
5.27
3.10 3.03
7.50
7.51
ns
–1
0.56
4.48
0.04 1.29 1.41
0.36
4.48
4.48
2.64 2.58
6.38
6.38
ns
–2
0.49
3.94
0.03 1.13 1.24
0.32
3.93
3.94
2.32 2.26
5.60
5.61
ns
12 mA
Std.
0.66
3.74
0.04 1.51 1.66
0.43
3.81
3.49
3.37 3.49
6.05
5.73
ns
–1
0.56
3.18
0.04 1.29 1.41
0.36
3.24
2.97
2.86 2.97
5.15
4.87
ns
–2
0.49
2.80
0.03 1.13 1.24
0.32
2.85
2.61
2.51 2.61
4.52
4.28
ns
16 mA
Std.
0.66
3.53
0.04 1.51 1.66
0.43
3.59
3.12
3.42 3.62
5.83
5.35
ns
–1
0.56
3.00
0.04 1.29 1.41
0.36
3.06
2.65
2.91 3.08
4.96
4.55
ns
–2
0.49
2.63
0.03 1.13 1.24
0.32
2.68
2.33
2.56 2.71
4.35
4.00
ns
24 mA
Std.
0.66
3.26
0.04 1.51 1.66
0.43
3.32
2.48
3.49 4.11
5.56
4.72
ns
–1
0.56
2.77
0.04 1.29 1.41
0.36
2.83
2.11
2.97 3.49
4.73
4.01
ns
–2
0.49
2.44
0.03 1.13 1.24
0.32
2.48
1.85
2.61 3.07
4.15
3.52
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-5 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com