Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 45Page - Microsemi Corporation FG896 Datasheet HTML 46Page - Microsemi Corporation FG896 Datasheet HTML 47Page - Microsemi Corporation FG896 Datasheet HTML 48Page - Microsemi Corporation FG896 Datasheet HTML 49Page - Microsemi Corporation FG896 Datasheet HTML 50Page - Microsemi Corporation FG896 Datasheet HTML 51Page - Microsemi Corporation FG896 Datasheet HTML 52Page - Microsemi Corporation FG896 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 166 page
background image
ProASIC3E Flash Family FPGAs
Revision 14
2-35
Table 2-40 • 1.8 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
15.84 0.04 1.45 1.91
0.43
15.65 15.84 2.78 1.58 17.89 18.07
ns
–1
0.56
13.47 0.04 1.23 1.62
0.36
13.31 13.47 2.37 1.35 15.22 15.37
ns
–2
0.49
11.83 0.03 1.08 1.42
0.32
11.69 11.83 2.08 1.18 13.36 13.50
ns
4 mA
Std.
0.66
11.39 0.04 1.45 1.91
0.43
11.60 10.76 3.26 2.77 13.84 12.99
ns
–1
0.56
9.69
0.04 1.23 1.62
0.36
9.87
9.15
2.77 2.36 11.77 11.05
ns
–2
0.49
8.51
0.03 1.08 1.42
0.32
8.66
8.03
2.43 2.07 10.33
9.70
ns
6 mA
Std.
0.66
8.97
0.04 1.45 1.91
0.43
9.14
8.10
3.57 3.36 11.37 10.33
ns
–1
0.56
7.63
0.04 1.23 1.62
0.36
7.77
6.89
3.04 2.86
9.67
8.79
ns
–2
0.49
6.70
0.03 1.08 1.42
0.32
6.82
6.05
2.66 2.51
8.49
7.72
ns
8 mA
Std.
0.66
8.35
0.04 1.45 1.91
0.43
8.50
7.59
3.64 3.52 10.74
9.82
ns
–1
0.56
7.10
0.04 1.23 1.62
0.36
7.23
6.45
3.10 3.00
9.14
8.35
ns
–2
0.49
6.24
0.03 1.08 1.42
0.32
6.35
5.66
2.72 2.63
8.02
7.33
ns
12 mA
Std.
0.66
7.94
0.04 1.45 1.91
0.43
8.09
7.56
3.74 4.11 10.32
9.80
ns
–1
0.56
6.75
0.04 1.23 1.62
0.36
6.88
6.43
3.18 3.49
8.78
8.33
ns
–2
0.49
5.93
0.03 1.08 1.42
0.32
6.04
5.65
2.79 3.07
7.71
7.32
ns
16 mA
Std.
0.66
7.94
0.04 1.45 1.91
0.43
8.09
7.56
3.74 4.11 10.32
9.80
ns
–1
0.56
6.75
0.04 1.23 1.62
0.36
6.88
6.43
3.18 3.49
8.78
8.33
ns
–2
0.49
5.93
0.03 1.08 1.42
0.32
6.04
5.65
2.79 3.07
7.71
7.32
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-5 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com