Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 16Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 17Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 19Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 20Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 119 page
background image
BMA255
Data sheet
Page 20
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.4 Self-test
This feature permits to check the sensor functionality by applying electrostatic forces to the
sensor core instead of external accelerations. By actually deflecting the seismic mass, the
entire signal path of the sensor can be tested. Activating the self-test results in a static offset of
the acceleration data; any external acceleration or gravitational force applied to the sensor
during active self-test will be observed in the output as a superposition of both acceleration and
self-test signal.
Before the self-test is enabled the g-range should be set to 4 g. The self-test is activated
individually for each axis by writing the proper value to the (0x32) self_test_axis bits (´01b´ for x-
axis, ´10b´ for y-axis, ´11b´ for z-axis, ´00b´ to deactivate self-test). It is possible to control the
direction of the deflection through bit (0x32) self_test_sign. The excitation occurs in negative
(positive) direction if (0x32) self_test_sign = ´0b´ (´1b´). After the self-test is enabled, the user
should wait 50ms before interpreting the acceleration data.
In order to ensure a proper interpretation of the self-test signal it is recommended to perform the
self-test for both (positive and negative) directions and then to calculate the difference of the
resulting acceleration values. Table 6 shows the minimum differences for each axis. The
actually measured signal differences can be significantly larger.
Table 6: Self-test difference values
x-axis signal
y-axis signal
z-axis signal
resulting minimum
difference signal
800 mg
800 mg
400 mg
It is recommended to perform a reset of the device after a self-test has been performed. If the
reset cannot be performed, the following sequence must be kept to prevent unwanted interrupt
generation: disable interrupts, change parameters of interrupts, wait for at least 50ms, enable
desired interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com