Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 81Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 82Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 83Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 119 page
background image
BMA255
Data sheet
Page 80
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x2B (INT_9)
Contains the definition of the number of samples processed by the single / double-tap interrupt
engine after wake-up in low-power mode. It also defines the threshold definition for the single
and double tap interrupts.
Name
0x2B
INT_9
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
tap_samp<1:0>
reserved
tap_th<4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
0
1
0
Content
tap_th<3:0>
tap_samp<1:0>:
selects the number of samples that are processed after wake-up in the low-
power mode according to ´00b´  2 samples, ´01b´  4 samples, ´10b´  8
samples, and ´11b´  16 samples
reserved:
write ‘0’
tap_th<4:0>:
threshold of the single/double-tap interrupt corresponding to an acceleration
difference of tap_th<4:0> · 62.5mg (2g-range), tap_th<4:0> · 125mg (4g-
range), tap_th<4:0> · 250mg (8g-range), and tap_th<4:0> · 500mg (16g-
range).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com