Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 73Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 74Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 75Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 119 page
background image
BMA255
Data sheet
Page 77
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x27 (INT_5)
Contains the definition of the number of samples to be evaluated for the slope interrupt (any-
motion detection) and the slow/no-motion interrupt trigger delay.
Name
0x27
INT_5
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
slo_no_mot_dur<5:2>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
slo_no_mot_dur<1:0>
slope_dur<1:0>
slo_no_mot_dur<5:0>:
Function depends on whether the slow-motion or no-motion
interrupt function has been selected. If the slow-motion interrupt function has
been enabled (slo_no_mot_sel = ‘0’) then [slo_no_mot_dur<1:0>+1]
consecutive slope data points must be above the slow/no-motion threshold
(slo_no_mot_th) for the slow-/no-motion interrupt to trigger. If the no-motion
interrupt function has been enabled (slo_no_mot_sel = ‘1’) then
slo_no_motion_dur<5:0> defines the time for which no slope data points
must exceed the slow/no-motion threshold (slo_no_mot_th) for the slow/no-
motion interrupt to trigger. The delay time in seconds may be calculated
according with the following equation:
slo_no_mot_dur<5:4>=’b00’  [slo_no_mot_dur<3:0> + 1]
slo_no_mot_dur<5:4>=’b01’  [slo_no_mot_dur<3:0> · 4 + 20]
slo_no_mot_dur<5>=’1’  [slo_no_mot_dur<4:0> · 8 + 88]
slope_dur<1:0>:
slope interrupt triggers if [slope_dur<1:0>+1] consecutive slope data points
are above the slope interrupt threshold slope_th<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com