Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
BMA255
Data sheet
Page 8
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
1. Specification
Unless stated otherwise, the given values are over lifetime, operating temperature and voltage
ranges. Minimum/maximum values are ±3
.
Table 1: Parameter specification
OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Units
Acceleration
Range
gFS2g
Selectable
via serial digital
interface
±2
g
gFS4g
±4
g
gFS8g
±8
g
gFS16g
±16
g
Supply Voltage
Internal Domains
VDD
1.62
2.4
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
2.4
3.6
V
Voltage Input
Low Level
VIL
SPI & I²C
0.3VDDIO
-
Voltage Input
High Level
VIH
SPI & I²C
0.7VDDIO
-
Voltage Output
Low Level
VOL
IOL = 3mA, SPI & I²C
0.2VDDIO
-
Voltage Output
High Level
VOH
IOH= 3mA, SPI
0.8VDDIO
-
Total Supply
Current in
Normal Mode
IDD
TA=25°C, bw = 1kHz
VDD = VDDIO = 2.4V
130
µA
Total Supply
Current in
Suspend Mode
IDDsum
TA=25°C
VDD = VDDIO = 2.4V
2.1
µA
Total Supply
Current in
Deep Suspend
Mode
IDDdsum
TA=25°C
VDD = VDDIO = 2.4V
1
µA
Total Supply
Current in
Low-power Mode
1
IDDlp1
TA=25°C, bw = 1kHz
VDD = VDDIO = 2.4V
sleep duration = 25ms
6.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com