Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 81Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 82Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 83Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 84Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 85Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 86Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 119 page
background image
BMA255
Data sheet
Page 83
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x2F (INT_D)
Contains the definition of the flat interrupt hold time and flat interrupt hysteresis.
Name
0x2F
INT_D
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
1
Content
reserved
flat_hold_time<1:0>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
1
Content
reserved
flat_hy<2:0>
reserved:
write ‘0’
flat_hold_time<1:0>: delay time for which the flat value must remain stable for the flat interrupt
to be generated: ´00b´  0 ms, ´01b´  512 ms, ´10b´  1024 ms,
´11b´  2048 ms
flat_hy<2:0>:
defines flat interrupt hysteresis; flat value must change by more than twice
the value of flat interrupt hysteresis to detect a state change. For details see
chapter 4.7.8.
‘000b’  hysteresis of the flat detection disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com