Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 72Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 73Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 74Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 75Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 119 page
background image
BMA255
Data sheet
Page 76
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x25 (INT_3)
Contains the delay time definition for the high-g interrupt.
Name
0x25
INT_3
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
high_dur<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
1
1
1
Content
high_dur<3:0>
high_dur<7:0>:
high-g interrupt trigger delay according to [high_dur<7:0> + 1] • 2 ms in a
range from 2 ms to 512 ms; the default corresponds to a delay of 32 ms.
Register 0x26 (INT_4)
Contains the threshold definition for the high-g interrupt.
Name
0x26
INT_4
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
1
0
0
Content
high_th<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
high_th<3:0>
high_th<7:0>:
threshold of high-g interrupt according to high_th<7:0> · 7.81 mg (2-g range),
high_th<7:0> · 15.63 mg (4-g range), high_th<7:0> · 31.25 mg (8-g range),
or high_th<7:0> · 62.5 mg (16-g range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com