Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 2 Page - Texas Instruments

  AM3517 Datasheet HTML 1Page - Texas Instruments AM3517 Datasheet HTML 2Page - Texas Instruments AM3517 Datasheet HTML 3Page - Texas Instruments AM3517 Datasheet HTML 4Page - Texas Instruments AM3517 Datasheet HTML 5Page - Texas Instruments AM3517 Datasheet HTML 6Page - Texas Instruments AM3517 Datasheet HTML 7Page - Texas Instruments AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 223 page
background image
AM3517, AM3505
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
www.ti.com
– Built-in Digital Clamping and Black Level
1.1 and 2.0, OpenVG1.0
Compensation
– Fine Grained Task Switching, Load
– 10-bit to 8-bit A-law Compression Hardware
Balancing, and Power Management
– Supports up to 16K Pixels (Image Size) in
– Programmable, High-Quality Image Anti-
Horizontal and Vertical Directions
Aliasing
• System Direct Memory Access (sDMA)
• Endianess
Controller (32 Logical Channels With
– ARM Instructions - Little Endian
Configurable Priority)
– ARM Data – Configurable
• Comprehensive Power, Reset and Clock
• SDRC Memory Controller
Management
– 16/32-bit Memory Controller With 1G-Byte
• ARM Cortex™-A8 Memory Architecture
Total Address Space
– ARMv7 Architecture
– Double Data Rate (DDR2) SDRAM, mobile
– In-Order, Dual-Issue, Superscalar
Double Data Rate (mDDR)SDRAM
Microprocessor Core
– SDRAM Memory Scheduler (SMS) and
– ARM NEON™ Multimedia Architecture
Rotation Engine
– Over 2x Performance of ARMv6 SIMD
• General Purpose Memory Controller (GPMC)
– Supports Both Integer and Floating Point
– 16-bit Wide Multiplexed Address/Data Bus
SIMD
– Up to 8 Chip Select Pins With 128M-Byte
– Jazelle® RCT Execution Environment
Address Space per Chip Select Pin
Architecture
– Glueless Interface to NOR Flash, NAND
– Dynamic Branch Prediction with Branch
Flash (With ECC Hamming Code
Target Address Cache, Global history buffer
Calculation), SRAM and Pseudo-SRAM
and 8 entry return stack
– Flexible Asynchronous Protocol Control for
– Embedded Trace Macrocell [ETM] support
Interface to Custom Logic (FPGA, CPLD,
for Non_invasive Debug
ASICs, etc.)
– 16K-Byte instruction Cache (4-Way set-
– Nonmultiplexed Address/Data Mode (Limited
associative)
2K-Byte Address Space)
– 16K-Byte Data Cache (4-Way Set-
• Test Interfaces
Associative)
– IEEE-1149.1 (JTAG) Boundary-Scan
– 256K-Byte L2 Cache
Compatible
• PowerVR SGX™ Graphics Accelerator (AM3517
– Embedded Trace Macro Interface (ETM)
only)
• 65-nm CMOS technology
– Tile Based Architecture Delivering up to 10
• Packages:
MPoly/sec
– 491-pin BGA (17x17, 0.65mm pitch)
– Universal Scalable Shader Engine: Multi-
[ZCN suffix]
threaded Engine Incorporating Pixel and
with via channel array technology
Vertex Shader Functionality
– 484-pin PBGA (23x23, 1-mm pitch)
– Industry Standard API Support: OpenGLES
[ZER suffix]
1.2
Applications
•
Single Board Computers
•
Transportation
•
Industrial and Home Automation
•
Navigation
•
Digital Signage
•
Smart White Goods
•
Point of Service
•
Digital TV
•
Portable Media Player
•
Digital Video Camera
•
Portable Industrial
•
Gaming
2
Device Summary
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com