Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 45Page - Texas Instruments AM3517 Datasheet HTML 46Page - Texas Instruments AM3517 Datasheet HTML 47Page - Texas Instruments AM3517 Datasheet HTML 48Page - Texas Instruments AM3517 Datasheet HTML 49Page - Texas Instruments AM3517 Datasheet HTML 50Page - Texas Instruments AM3517 Datasheet HTML 51Page - Texas Instruments AM3517 Datasheet HTML 52Page - Texas Instruments AM3517 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 223 page
background image
AM3517, AM3505
www.ti.com
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
Table 2-2. Ball Characteristics (ZER Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION [2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
mm_fsusb2_r 5
IO
xdp
E18
etk_d12
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
D20
etk_d13
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm_fsusb2_r 5
IO
xdm
D19
etk_d14
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_
3
IO
data0
gpio_28
4
IO
mm_fsusb2_r 5
IO
xrcv
D18
etk_d15
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_
3
IO
data1
gpio_29
4
IO
mm_fsusb2_t 5
IO
xse0
M2
ddr_padref
0
A
VDDS
1.8V
J8, J10,
VDD_CORE
0
PWR
1.2V
J12, J14,
J16, K9,
K11, K13,
K15, L8,
L10, L12,
L14, M7,
M9, M11,
M13, M15,
N8, N10,
N12, N14,
P7, P9,
P11, P13,
P15, R8,
R10, R12,
R14
L17
VDDS_SRA
0
PWR
1.8V
M_MPU
J6
VDDS_SRA
0
PWR
1.8V
M_CORE_B
G
M17
CAP_VDD_S 0
PWR
1.2V
RAM_MPU
K6
CAP_VDD_S 0
PWR
1.2V
RAM_CORE
K17
VDDS_DPLL 0
PWR
1.8V
_MPU_USBH
OST
F11
VDDS_DPLL 0
PWR
1.8V
_PER_CORE
F7
VDDA3P3V_ 0
PWR
3.3V
USBPHY
D7
VDDA1P8V_ 0
PWR
1.8V
USBPHY
E7
CAP_VDDA1 0
PWR
1.2V
P2LDO_USB
PHY
Copyright © 2009–2013, Texas Instruments Incorporated
Terminal Description
49
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com