Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 47Page - Texas Instruments AM3517 Datasheet HTML 48Page - Texas Instruments AM3517 Datasheet HTML 49Page - Texas Instruments AM3517 Datasheet HTML 50Page - Texas Instruments AM3517 Datasheet HTML 51Page - Texas Instruments AM3517 Datasheet HTML 52Page - Texas Instruments AM3517 Datasheet HTML 53Page - Texas Instruments AM3517 Datasheet HTML 54Page - Texas Instruments AM3517 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 223 page
background image
AM3517, AM3505
www.ti.com
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
2.3
Multiplexing Characteristics
Table 2-3 provides descriptions of the AM3517/05 pin multiplexing on the ZCN and ZER packages.
Table 2-3. Multiplexing Characteristics
ZER
ZCN
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
BALL NO
BALL NO
E3
B21
sdrc_d0
D3
A21
sdrc_d1
C3
D20
sdrc_d2
C2
C20
sdrc_d3
F3
E19
sdrc_d4
D2
D19
sdrc_d5
C1
C19
sdrc_d6
D1
B19
sdrc_d7
G2
B18
sdrc_d8
G3
D17
sdrc_d9
H3
C17
sdrc_d10
G4
D16
sdrc_d11
H4
C16
sdrc_d12
G1
B16
sdrc_d13
J3
A16
sdrc_d14
J1
A15
sdrc_d15
T3
A7
sdrc_d16
U3
B7
sdrc_d17
U4
D7
sdrc_d18
V4
E7
sdrc_d19
V1
C6
sdrc_d20
V2
D6
sdrc_d21
V5
B5
sdrc_d22
V3
C5
sdrc_d23
W3
B4
sdrc_d24
W4
A3
sdrc_d25
Y3
B3
sdrc_d26
Y4
C3
sdrc_d27
AA2
C2
sdrc_d28
AA3
D2
sdrc_d29
AA4
B1
sdrc_d30
AB2
C1
sdrc_d31
L4
A12
sdrc_ba0
K5
C13
sdrc_ba1
J5
D13
sdrc_ba2
M3
A11
sdrc_a0
M4
B11
sdrc_a1
M5
C11
sdrc_a2
N3
D11
sdrc_a3
N2
E11
sdrc_a4
N4
A10
sdrc_a5
P3
B10
sdrc_a6
P2
C10
sdrc_a7
P1
D10
sdrc_a8
P4
E10
sdrc_a9
R1
A9
sdrc_a10
R2
B9
sdrc_a11
R3
A8
sdrc_a12
R4
B8
sdrc_a13
T2
D8
sdrc_a14
J4
E13
sdrc_ncs0
Copyright © 2009–2013, Texas Instruments Incorporated
Terminal Description
51
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com